Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-25C128A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-25C128A
Description  Write protect function during the low power supply voltage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-25C128A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-25C128A Datasheet HTML 5Page - Seiko Instruments Inc S-25C128A Datasheet HTML 6Page - Seiko Instruments Inc S-25C128A Datasheet HTML 7Page - Seiko Instruments Inc S-25C128A Datasheet HTML 8Page - Seiko Instruments Inc S-25C128A Datasheet HTML 9Page - Seiko Instruments Inc S-25C128A Datasheet HTML 10Page - Seiko Instruments Inc S-25C128A Datasheet HTML 11Page - Seiko Instruments Inc S-25C128A Datasheet HTML 12Page - Seiko Instruments Inc S-25C128A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SPI SERIAL E2PROM
Rev.4.2_02_H
S-25C128A
9
Pin Functions
1. CS (Chip select input) pin
This is an input pin to set a chip in the select status. In the “H” input level, the device is in the non-select status and its
output is high impedance. The device is in standby as long as it is not in Write inside. The device goes in active by
setting the chip select to “L”. Input any instruction code after power-on and a falling of chip select.
2. SI (Serial data input) pin
This pin is to input serial data. This pin receives an instruction code, an address and Write data. This pin latches data
at rising edge of serial clock.
3. SO (Serial data output) pin
This pin is to output serial data. The data output changes according to falling edge of serial clock.
4. SCK (Serial clock input) pin
This is a clock input pin to set the timing of serial data. An instruction code, an address and Write data are received at
a rising edge of clock. Data is output during falling edge of clock.
5. WP (Write protect input) pin
Write protect is purposed to protect the area size against the Write instruction (BP1, BP0 in the status register). Fix
this pin “H” or “L” not to set it in the floating state.
Refer to “ Protect Operation” for details.
6. HOLD (HOLD input) pin
This pin is used to pause serial communications without setting the device in the non-select status.
In the hold status, the serial output goes in high impedance, the serial input and the serial clock go in “Don’t care”.
During the hold operation, be sure to set the device in active by setting the chip select ( CS pin) to “L”.
Refer to “ Hold Operation” for details.
Initial Delivery State
Initial delivery state of all addresses is “FFh”.
Moreover, initial delivery state of the status register nonvolatile memory is as follows.
• SRWD = 0
• BP1 = 0
• BP0 = 0


Similar Part No. - S-25C128A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25C128A ABLIC-S-25C128A Datasheet
448Kb / 31P
   SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C128AH ABLIC-S-25C128AH Datasheet
445Kb / 31P
   105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_03_H
More results

Similar Description - S-25C128A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24CM01C SII-S-24CM01C Datasheet
1Mb / 32P
   Write protect function during the low power supply voltage
S-24C08C SII-S-24C08C Datasheet
1Mb / 33P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com