Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-25A010A0A-T8T2UD Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-25A010A0A-T8T2UD
Description  Write protect function during the low power supply voltage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-25A010A0A-T8T2UD Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-25A010A0A-T8T2UD Datasheet HTML 1Page - Seiko Instruments Inc S-25A010A0A-T8T2UD Datasheet HTML 2Page - Seiko Instruments Inc S-25A010A0A-T8T2UD Datasheet HTML 3Page - Seiko Instruments Inc S-25A010A0A-T8T2UD Datasheet HTML 4Page - Seiko Instruments Inc S-25A010A0A-T8T2UD Datasheet HTML 5Page - Seiko Instruments Inc S-25A010A0A-T8T2UD Datasheet HTML 6Page - Seiko Instruments Inc S-25A010A0A-T8T2UD Datasheet HTML 7Page - Seiko Instruments Inc S-25A010A0A-T8T2UD Datasheet HTML 8Page - Seiko Instruments Inc S-25A010A0A-T8T2UD Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
S-25A010A/020A/040A
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION
SPI SERIAL E2PROM
© SII Semiconductor Corporation, 2008-2014
Rev.5.2_01
1
This IC is a SPI serial E
2PROM which operates under the high temperature, at high speed, with the wide range operation for
automotive components. This IC has the capacity of 1 K-bit, 2 K-bit, 4 K-bit and the organization of 128 words
× 8-bit, 256
words
× 8-bit, 512 words × 8-bit. Page write and Sequential read are available.
Caution Before using the product in automobile control unit or medical equipment, contact to SII Semiconductor
Corporation is indispensable.
Features
• Operating voltage range
Read:
2.5 V to 5.5 V
Write:
2.5 V to 5.5 V
• Operation frequency:
6.5 MHz max.
• Write time:
4.0 ms max.
• SPI mode (0, 0) and (1, 1)
• Page write:
16 bytes / page
• Sequential read
• Write protect:
Software, Hardware
Protect area:
25%, 50%, 100%
• Monitoring of a write memory state by the status register
• Function to prevent malfunction by monitoring clock pulse
• Write protect function during the low power supply voltage
• CMOS schmitt input ( CS , SCK, SI, WP , HOLD )
• Endurance
*1:
10
6 cycle / word*2 (Ta = +25°C)
5
× 10
5 cycle / word*2 (Ta = +125°C)
• Data retention:
100 years (Ta =
+25°C)
50 years (Ta =
+125°C)
• Memory capacity
S-25A010A:
1 K-bit
S-25A020A:
2 K-bit
S-25A040A:
4 K-bit
• Initial delivery state:
FFh, BP1 = 0, BP0 = 0
• Burn-in specification:
Wafer level burn-in
• Operation temperature range: Ta = −40°C to +125°C
• Lead-free (Sn 100%), halogen-free
*3
• AEC-Q100 qualified
*4
*1.
Refer to " Endurance" for details.
*2.
For each address (Word: 8-bit)
*3.
Refer to " Product Name Structure" for details.
*4.
Contact our sales office for details.
Packages
• 8-Pin SOP (JEDEC)
1
4
5
8
(5.0
× 6.0 × t1.75 mm)
• 8-Pin TSSOP
1
4
5
8
(3.0
× 6.4 × t1.1 mm)
• TMSOP-8
1
4
5
8
(2.9
× 4.0 × t0.8 mm)
Remark Refer to "3. Product name list" in " Product Name Structure" for details of package and product.


Similar Part No. - S-25A010A0A-T8T2UD

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25A010A ABLIC-S-25A010A Datasheet
524Kb / 35P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02
More results

Similar Description - S-25A010A0A-T8T2UD

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24CM01C SII-S-24CM01C Datasheet
1Mb / 32P
   Write protect function during the low power supply voltage
S-24C08C SII-S-24C08C Datasheet
1Mb / 33P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com