Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24CM01C Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-24CM01C
Description  Write protect function during the low power supply voltage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CM01C Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-24CM01C Datasheet HTML 4Page - Seiko Instruments Inc S-24CM01C Datasheet HTML 5Page - Seiko Instruments Inc S-24CM01C Datasheet HTML 6Page - Seiko Instruments Inc S-24CM01C Datasheet HTML 7Page - Seiko Instruments Inc S-24CM01C Datasheet HTML 8Page - Seiko Instruments Inc S-24CM01C Datasheet HTML 9Page - Seiko Instruments Inc S-24CM01C Datasheet HTML 10Page - Seiko Instruments Inc S-24CM01C Datasheet HTML 11Page - Seiko Instruments Inc S-24CM01C Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
2-WIRE SERIAL E2PROM
S-24CM01C
Rev.2.0_02_S
8
Pin Functions
1. A1 and A2 (Slave address input) pins
In the S-24CM01C, to set the slave address, connect each pin of A1, A2 to GND or VCC. Therefore the users can set
4 types of slave address by a combination of A1, A2 pins.
Comparing the slave address transmitted from the master device and one that you set, makes possible to select the
S-24CM01C from other devices connected onto the bus.
Each A1 and A2 pin has a pull-down resistor. In open, these pins have the status when they are connected to GND.
2. SDA (Serial data input / output) pin
The SDA pin is used for the bi-directional transmission of serial data. This pin is a signal input pin, and an Nch open
drain output pin.
In use, generally, connect the SDA line to any other device which has the open-drain or open-collector output with
Wired-OR connection by pulling up to VCC by a resistor (Figure 6 shows the relation with an output load).
3. SCL (Serial clock input) pin
The SCL pin is used for the serial clock input. Since the signals are processed at a rising or falling edge of the SCL
clock, pay attention to the rising and falling time and comply with the specification.
4. WP (Write protect input) pin
The write protect is enabled by connecting the WP pin to VCC. When not using the write protect, connect this pin to
GND or set in open.
Maximum value of pull-up resistor
[k
Ω]
10
0
2
4
6
8
10
12
14
16
18
20
100
200
fSCL= 400 kHz
fSCL= 1000 kHz
Value of load capacity
[pF]
Figure 6 Output Load
Initial Shipment Data
Initial shipment data of all addresses is “FFh”.


Similar Part No. - S-24CM01C

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-24CM01C ABLIC-S-24CM01C Datasheet
465Kb / 32P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results

Similar Description - S-24CM01C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C08C SII-S-24C08C Datasheet
1Mb / 33P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com