Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C14G12I Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # C14G12I
Description  Cylindrical fuse links
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C14G12I Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  C14G12I Datasheet HTML 1Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 2Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 3Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 4Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 5Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 6Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 7Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 8Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Technical Data 720115
Effective February 2015
Bussmann series
Cylindrical fuse links
EATON www.eaton.com
Table 1. Catalogue Symbol:
Size (mm)
Without
indicator
(example)
With indicator
(example)
With striker*
(example)
Class gG/gL
8 x 31
C08G (amps)
(C08G4)
C08G(amps)I
(C08G4I)
N/A
10 x 38
C10G(amps)
C10G4)
C10G(amps)I
(C10G4I)
N/A
14 x 51
C14G(amps)
(C14G4)
C14G(amps)I
(C14G4I)
C14G(amps)S*
(C14G4S)
22 x 58
C22G(amps)
(C22G4)
C22G(amps)I
(C22G4I)
C22G(amps)S*
(C22G4S)
Class aM
8 x 31
C08M(amps)
(C08M4)
N/A
N/A
10 x 38
C10M(amps)
(C10M4)
C10M(amps)I
(C10M4I)
N/A
14 x 51
C14M(amps)
(C14M4)
C14M(amps)I
(C14M4I)
C14M(amps)S*
(C14M4S)
22 x 58
C22M(amps)
(C22M12)
C22M(amps)I
(C22M12I)
C22M(amps)S*
(C22M12S)
* Striker fuse links can operate a microswitch for remote fuse link operated
indication
Fuse size:
8 x 31, 10 x 38, 14 x 51 and 22 x 58 mm
Technical data:
Volts: 400 to 690 V a.c.
Amps: 0.25 to 125 A
Breaking capacity: 20 to 120 kA AC
Class of operation: gG/gL and aM
Standards/Approvals:
IEC 60269
Packaging:
10 per carton
Dimensions - mm
Fuse links with or without indicator
Size (mm)
A
B
8 x 31 mm
8
31
10 x 38 mm
10
38
14 x 51 mm
14
51
22 x 58 mm
22
58
Size (mm)
A
B
C
D
E
14 x 51
14
51
13
8
4
22 x 58
22
58
16
8
4
* For striker fuse links applications use CH14(# of poles) DMSU-F
or CH22(# of poles)DMSU-F fuse holders with microswitch auxil-
iary contacts
Fuse links with striker


Similar Part No. - C14G12I

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C14G12I COOPER-C14G12I Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - C14G12I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
   GH Industrial HRC Fuse Links
logo
Cooper Bussmann, Inc.
SSD2 COOPER-SSD2_15 Datasheet
77Kb / 3P
   Standard fuse links size E1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com