Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVSP1C105M Datasheet(PDF) 11 Page - NEC

Part # SVSP1C105M
Description  Surface mount resin molded, Ultra miniaturized chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVSP1C105M Datasheet(HTML) 11 Page - NEC

Back Button SVSP1C105M Datasheet HTML 7Page - NEC SVSP1C105M Datasheet HTML 8Page - NEC SVSP1C105M Datasheet HTML 9Page - NEC SVSP1C105M Datasheet HTML 10Page - NEC SVSP1C105M Datasheet HTML 11Page - NEC SVSP1C105M Datasheet HTML 12Page - NEC SVSP1C105M Datasheet HTML 13Page - NEC SVSP1C105M Datasheet HTML 14Page - NEC SVSP1C105M Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
SVS SERIES
GUIDE TO APPLICATIONS FOR TANTALUM CHIP CAPACITORS
The failure of the solid tantalum capacitor is mostly classified into a short-circuiting mode and a large leakage
current mode. Refer to the following for reliable circuit design.
1. Expecting Reliability
SVS series tantalum chip capacitors are typically applied to decoupling, blocking, bypassing and filtering.
The SVS series has a very high reliability (low failure rate) in the field. For example, the maximum field failure
rate of an SVS series capacitor with a DC rated voltage of 16 V is 0.0004% / 1000 hour (4 Fit) at an applied voltage
of 5 V, operating temperature of 25˚C and series resistance of 3
Ω.
The maximum failure rate in the field is estimated by the following expression :
λ : Maximum field failure rate
λ0 : 1%/1000 hour (The failure rate of the SVS series at the full DC rated voltage at operating
temperature of 85˚C and series resistance of 3
Ω.)
V : Applied voltage in actual use
V0 : DC Rated voltage
T : Operating temperature in actual use
T0 : 85˚C
120
10
2
7
4
2
10
1
7
4
2
10
0
7
4
2
10
–1
7
0.2
0.1
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
4
2
10
–2
7
4
2
10
–3
7
4
2
10
–4
7
4
2
10
–5
110
100
90
80
70
60
50
40
30
20
The nomograph is provided for quick estimation of
maximum field failure rates.
Connect operating temperature T and applied
voltage ratio V/ V0 of interest with a straight line.
The failure rate multiplier F is given at the inter-
section of this line with the model scale. The failure
rate is obtained as
λ = λ0•F.
Examples :
Given V/ V0 = 0.4 and T = 45˚C. read
F = 4
× 10–3
Hence,
λ = 0.004%/1000 hour (40 Fit).
Given V/ V0 = 0.3 and T = 25˚C, read
F = 4
× 10–4
Hence,
λ = 0.0004%/1000 hour (4 Fit).
V
V0
λ = λ 0
3
× 2
T-T0
10


Similar Part No. - SVSP1C105M

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SVS-3-1/8 FESTO-SVS-3-1/8 Datasheet
87Kb / 1P
   Front panel valve
4/10/22
SVS-4-1/8 FESTO-SVS-4-1/8 Datasheet
97Kb / 1P
   Front panel valve
4/10/22
logo
ETAL Group
SVS02 ETAL-SVS02 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-04-P310-L50-S15-E00 ETAL-SVS02-04-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-08-P310-L50-S15-E00 ETAL-SVS02-08-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
More results

Similar Description - SVSP1C105M

ManufacturerPart #DatasheetDescription
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
RUBYCON CORPORATION
400QXW180MEFC18X40 RUBYCON-400QXW180MEFC18X40 Datasheet
199Kb / 2P
   105??Ultra Miniaturized
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
   Resin-Molded Chip - Automotive Product Range
logo
NEC
SVFB21V105M NEC-SVFB21V105M Datasheet
142Kb / 16P
   Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
logo
List of Unclassifed Man...
MCMR ETC2-MCMR Datasheet
280Kb / 6P
   Ultra - Miniaturized Radial Capacitors
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Vishay Siliconix
TMCU VISHAY-TMCU Datasheet
261Kb / 14P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Ultra Flat Low Profile
Revision: 26-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com