Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVHD21V685M Datasheet(PDF) 1 Page - NEC

Part # SVHD21V685M
Description  SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVHD21V685M Datasheet(HTML) 1 Page - NEC

  SVHD21V685M Datasheet HTML 1Page - NEC SVHD21V685M Datasheet HTML 2Page - NEC SVHD21V685M Datasheet HTML 3Page - NEC SVHD21V685M Datasheet HTML 4Page - NEC SVHD21V685M Datasheet HTML 5Page - NEC SVHD21V685M Datasheet HTML 6Page - NEC SVHD21V685M Datasheet HTML 7Page - NEC SVHD21V685M Datasheet HTML 8Page - NEC SVHD21V685M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©
1990 (1996)
DATA SHEET
TANTALUM CAPACITOR
Document No. EC0064EJ2V1DS00 (2nd edition)
Date Published July 2000 P CP(K)
Printed in Japan
SV/H SERIES
SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS
HIGH RELIABILITY
NEC’s SV/H series solid tantalum capacitor has developed for automotive application.
Comparing to the former type (R Series), the higher reliability and the higher performance have been built in the
same chip size with the NEC’s original technologies.
FEATURES
The SV/H series has the highest level of reliability and performance in the tantalum chip capacitors as shown below.
Damp heat (steady state)
: 85
°C, 85% RH 1000 hours
Rapid change of temperature: –55
°C to +125°C, 1000 cycles
Resistance to soldering
: 260
°C, 10 sec (Fully immersed to solder)
Failure rate
: 0.5%/1000 hours (at 85
°C, rated voltage applied)
APPLICATIONS
Automotive electronics
Other electronic equipment which requires high reliability and performance.
DIMENSIONS
ZZ
LW1
LW1
Z
Z
LW1
Y
ZZ
[A Case][B2 Case][C, D2 Case]
(Unit: mm)
Case Code
L
W1
W2
HZ
Y
A
3.2
± 0.2
1.6
± 0.2
1.2
± 0.1
1.6
± 0.2
0.8
± 0.3
B2
3.5
± 0.2
2.8
± 0.2
2.3
± 0.1
1.9
± 0.2
0.8
± 0.3
C
6.0
± 0.3
3.2
± 0.3
1.8
± 0.1
2.5
± 0.3
1.3
± 0.3
0.4C
D2
5.8
± 0.3
4.6
± 0.3
2.4
± 0.1
3.2
± 0.3
1.3
± 0.3
The information in this document is subject to change without notice.


Similar Part No. - SVHD21V685M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
SVH ILLINOISCAPACITOR-SVH Datasheet
221Kb / 4P
   Small size ??Extended Life ??Low cost
logo
List of Unclassifed Man...
SVH-100A483AAT ETC2-SVH-100A483AAT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Caliber Electronics Inc...
SVH-100A483AAT CALIBER-SVH-100A483AAT Datasheet
58Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
List of Unclassifed Man...
SVH-100A483ABT ETC2-SVH-100A483ABT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Caliber Electronics Inc...
SVH-100A483ABT CALIBER-SVH-100A483ABT Datasheet
58Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
More results

Similar Description - SVHD21V685M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
logo
AVX Corporation
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
logo
Vishay Siliconix
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
TM8 VISHAY-TM8 Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com