Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVHD21V475M Datasheet(PDF) 4 Page - NEC

Part # SVHD21V475M
Description  SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVHD21V475M Datasheet(HTML) 4 Page - NEC

  SVHD21V475M Datasheet HTML 1Page - NEC SVHD21V475M Datasheet HTML 2Page - NEC SVHD21V475M Datasheet HTML 3Page - NEC SVHD21V475M Datasheet HTML 4Page - NEC SVHD21V475M Datasheet HTML 5Page - NEC SVHD21V475M Datasheet HTML 6Page - NEC SVHD21V475M Datasheet HTML 7Page - NEC SVHD21V475M Datasheet HTML 8Page - NEC SVHD21V475M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
SV/H SERIES
PERFORMANCE
No.
Items
Specifications
1
Operating Temp. Range
–55 to +125
°C
2
Rated Voltage
10
16
20
25
35
Vdc
3
Surge Voltage
13
20
26
33
46
Vdc
4
Derated Voltage
6.3
10
13
16
22
Vdc
5
Capacitance Range
0.1 to 33
µF
6
Capacitance Tolerance
±20%, ±10%
7
Leakage Current
0.01CV (
µA) or 0.5 (µA) whichever is greater
8
Tangent of loss angle
0.1 to 4.7
µF: 0.04 MAX.
6.8 to 33
µF : 0.06 MAX.
9
Surge Voltage
∆C/C
:
±5%
Tangent of loss angle: initial requirement
Leakage Current
: initial requirement
10
Charac-
Temp.
–55
°C
+85
°C
+125
°C
teristics
∆C/C
0
%
+12
%
+15
%
at high
–12
0
0
and low
Tangent of
0.1 to 4.7
µF: 0.08 MAX.
initial
0.1 to 4.7
µF: 0.06 MAX.
temperature
loss angle
6.8 to 33
µF : 0.10 MAX.
requirement
6.8 to 33
µF : 0.08 MAX.
Leakge
0.1 CV or 5
µA
0.125 CV or 6.25
µA
Current
MAX.
MAX.
11
Rapid change of
∆C/C
:
±10%
temperature
Tangent of loss angle: initial requirement
Leakage Current
: initial requirement
12
Resistance to
∆C/C
:
±5%
Soldering
Tangent of loss angle: initial requirement
Leakage Current
: initial requirement
13
Damp Heat
∆C/C
:
±10%
(steady state)
Tangent of loss angle: 150% of initial requirement
Leakage Current
: initial requirement
14
Terminal Strength
There shall be no loosening or permanent damage
15
Endurance (1)
∆C/C
:
±10%
Tangent of loss angle: initial requirement
Leakage Current
: 125% of initial requirement
16
Endurance (2)
∆C/C
:
±10%
Tangent of loss angle: initial requirement
Leakage Current
: 125% of initial requirement
17
Failure Rate
0.5%/1000 h
Test Conditions
Applied voltage shall be
derated over +85
°C
at 85
°C
at 125
°C
at 120 Hz
Rated Voltage applied
after 5 minutes.
at 120 Hz
at 85
°C, Rs = 1 kΩ
1000 cycles
IEC68-2-14 Test N and
IEC68-22-33 Guidance
–55
°C to +125°C,
1000 cycles
IEC68-2-58 Test Td
Fully immersion to Solder
260
°C, 10 sec
IEC68-2-3 Test Ca
at 85
°C, 85% RH,
1000 h
pull of 5N in an axial
direction
at 85
°C, Rated Voltage
applied 2000 h
at 125
°C, Derated
Voltage applied 2000 h
each condition of No. 15
and No. 16 above


Similar Part No. - SVHD21V475M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
SVH ILLINOISCAPACITOR-SVH Datasheet
221Kb / 4P
   Small size ??Extended Life ??Low cost
logo
List of Unclassifed Man...
SVH-100A483AAT ETC2-SVH-100A483AAT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Caliber Electronics Inc...
SVH-100A483AAT CALIBER-SVH-100A483AAT Datasheet
58Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
List of Unclassifed Man...
SVH-100A483ABT ETC2-SVH-100A483ABT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Caliber Electronics Inc...
SVH-100A483ABT CALIBER-SVH-100A483ABT Datasheet
58Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
More results

Similar Description - SVHD21V475M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
logo
AVX Corporation
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
logo
Vishay Siliconix
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
TM8 VISHAY-TM8 Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com