Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVFC1H105M Datasheet(PDF) 1 Page - NEC

Part # SVFC1H105M
Description  Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVFC1H105M Datasheet(HTML) 1 Page - NEC

  SVFC1H105M Datasheet HTML 1Page - NEC SVFC1H105M Datasheet HTML 2Page - NEC SVFC1H105M Datasheet HTML 3Page - NEC SVFC1H105M Datasheet HTML 4Page - NEC SVFC1H105M Datasheet HTML 5Page - NEC SVFC1H105M Datasheet HTML 6Page - NEC SVFC1H105M Datasheet HTML 7Page - NEC SVFC1H105M Datasheet HTML 8Page - NEC SVFC1H105M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
SV/F SERIES
SOLID TANTALUM CAPACITOR
Document No. EC0003EJ3V1DS00 (3rd edition)
Date Published June 1996 M CP(K)
Printed in Japan
The SV/F series features a built-in fuse to minimize circuit damage from over current by protection with less
than a half blow-out current of the former type.
This fuse-protected capacitor is suitable for noise absorption applications such as those required for comput-
ers, terminals and measuring instruments.
FEATURES
™ Built-in fuse protection (2A)
™ High-temperature durability for either wave soldering or reflow soldering applications
™ The same excellent performance as NEC's R series
™ Wide operating temperature range (–55˚C to +125˚C)
™ High reliability (Failure rate = 1%/1 000H at 85˚C, DC rated voltage applied)
DIMENSIONS
Surface mount resin molded chip
with Built-in fuse,
Low blow-out current (2A)
©
1992(1996)
L
L
W1
W1
W2
W2
Z
Z
ZZ
Y
+
+
[C and D case]
[B2 and D2 case]
Case Code
L
W1
W2
HZ
Y
B2
3.5
±0.2
2.8
±0.2
2.3
±0.1
1.9
±0.2
0.8
±0.3
C6.0
±0.3
3.2
±0.3
1.8
±0.1
2.5
±0.3
1.3
±0.3
0.4C
D2
5.8
±0.3
4.6
±0.3
2.4
±0.1
3.2
±0.3
1.3
±0.3
D7.3
±0.3
4.3
±0.3
2.4
±0.1
2.8
±0.3
1.3
±0.3
0.5C
(Unit : mm)
MARKING
The information in this document is subject to change without notice.
F
F
10
16 n
1
35 n
[C and D case]
[B2 and D2 case]
Capacitance
( F)
Rated voltage
(V)
Polarity (anode)
and mark of built-in fuse
Date code
µ


Similar Part No. - SVFC1H105M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
SVF ILLINOISCAPACITOR-SVF Datasheet
244Kb / 2P
   5mm Height ??Lead free leads
logo
M-System Co.,Ltd.
SVF MSYSTEM-SVF Datasheet
105Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SVF-00-B MSYSTEM-SVF-00-B Datasheet
108Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SVF-00-B MSYSTEM-SVF-00-B Datasheet
105Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SVF-00-B/CE MSYSTEM-SVF-00-B/CE Datasheet
108Kb / 3P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - SVFC1H105M

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1T BEL-C1T_18 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1S BEL-C1S_12 Datasheet
967Kb / 4P
   Surface Mount Slow Blow Chip Fuse
C1S BEL-C1S_17 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1S BEL-C1S Datasheet
90Kb / 2P
   Surface Mount Slow Blow Chip Fuse
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
   Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
C1T BEL-C1T Datasheet
2Mb / 4P
   Surace Mount Slow Blow Chip Fuse
SST375 BEL-SST375 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Slow Blow Fuse
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com