Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM60030-1PR Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # RM60030-1PR
Description  Class H(K), J and R modular ferrule fuse blocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM60030-1PR Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  RM60030-1PR Datasheet HTML 1Page - Cooper Bussmann, Inc. RM60030-1PR Datasheet HTML 2Page - Cooper Bussmann, Inc. RM60030-1PR Datasheet HTML 3Page - Cooper Bussmann, Inc. RM60030-1PR Datasheet HTML 4Page - Cooper Bussmann, Inc. RM60030-1PR Datasheet HTML 5Page - Cooper Bussmann, Inc. RM60030-1PR Datasheet HTML 6Page - Cooper Bussmann, Inc. RM60030-1PR Datasheet HTML 7Page - Cooper Bussmann, Inc. RM60030-1PR Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technical Data 10289
Effective December 2015
Class H(K), J and R ferrule fuse blocks
Eaton.com/bussmannseries
Table 2. Class H fuse block catalog numbers
Terminal type
Volts
Fuse amp range
Poles
Box lug
#10-32 Phil-slot screw
Screw with quick-connect*
Pressure plate
HM25030-1CR
HM25030-1SR
HM25030-1QR
HM25030-1PR
250
1/2 to 30
1
HM25030-2CR
HM25030-2SR
HM25030-2QR
HM25030-2PR
2
HM25030-3CR
HM25030-3SR
HM25030-3QR
HM25030-3PR
3
HM25060-1CR
31 to 60
1
HM25060-2CR
2
HM25060-3CR
3
HM60030-1CR
HM60030-1SR
HM60030-1PR
600
1/2 to 30
1
HM60030-2CR
HM60030-2SR
HM60030-2PR
2
HM60030-3CR
HM60030-3SR
HM60030-3PR
3
HM60060-1CR
31 to 60
1
HM60060-2CR
2
HM60060-3CR
3
* 3/16“ Quick Connect terminal maximum ampacity dependent on female spade connector and wire ratings.
Table 4. Class R fuse block catalog numbers
Terminal type
Volts
Fuse amp range
Poles
Box lug
#10-32 Phil-slot screw
Screw with quick-connect
Pressure plate
RM25030-1CR
RM25030-1SR
RM25030-1QR
RM25030-1PR
250
1/2 to 30
1
RM25030-2CR
RM25030-2SR
RM25030-2QR
RM25030-2PR
2
RM25030-3CR
RM25030-3SR
RM25030-3QR
RM25030-3PR
3
RM25060-1CR
31 to 60
1
RM25060-2CR
2
RM25060-3CR
3
RM60030-1CR
RM60030-1SR
RM60030-1PR
600
1/2 to 30
1
RM60030-2CR
RM60030-2SR
RM60030-2PR
2
RM60030-3CR
RM60030-3SR
RM60030-3PR
3
RM60060-1CR
31 to 60
1
RM60060-2CR
2
RM60060-3CR
3
* 3/16“ Quick Connect terminal maximum ampacity dependent on female spade connector and wire ratings.
Table 3. Class H block covers
Fuse block series
Volts
Amp range
Catalog numbers
Indicating
Non-indicating
HM25030-#XX
250
1/2 to 30
CVRI-RH-25030
CVR-RH-25030
HM25060-#XX
31 to 60
CVRI-RH-25060
CVR-RH-25060
HM60030-#XX
600
1/2 to 30
CVRI-RH-60030
CVR-RH-60030
HM60060-#XX
31 to 60
CVRI-RH-60060
CVR-RH-60060
# = number of poles
XX = terminal type
Table 5. Class R block covers
Fuse block series
Volts
Amp range
Catalog numbers
Indicating
Non-indicating
RM25030-#XX
250
1/2 to 30
CVRI-RH-25030
CVR-RH-25030
RM25060-#XX
31 to 60
CVRI-RH-25060
CVR-RH-25060
RM60030-#XX
600
1/2 to 30
CVRI-RH-60030
CVR-RH-60030
RM60060-#XX
31 to 60
CVRI-RH-60060
CVR-RH-60060
# = number of poles
XX = terminal type


Similar Part No. - RM60030-1PR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RM60030-1MW14 COOPER-RM60030-1MW14 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
More results

Similar Description - RM60030-1PR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Cooper Bussmann, Inc.
J-63 COOPER-J-63 Datasheet
372Kb / 2P
   Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com