Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K1050S Datasheet(PDF) 2 Page - Teccor Electronics

Part # K1050S
Description  silicon bilateral voltage triggered switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

K1050S Datasheet(HTML) 2 Page - Teccor Electronics

  K1050S Datasheet HTML 1Page - Teccor Electronics K1050S Datasheet HTML 2Page - Teccor Electronics K1050S Datasheet HTML 3Page - Teccor Electronics K1050S Datasheet HTML 4Page - Teccor Electronics K1050S Datasheet HTML 5Page - Teccor Electronics K1050S Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Specifications
SIDAC
9-2
Teccor Electronics
(972) 580-7777
General Notes
All measurements are made at 60Hz with a resistive load at an
ambient temperature of +25°C unless otherwise specified.
Storage temperature range (TS) is -65°C to +150°C.
•The case (TC) or lead (TL) temperature is measured as shown on
the dimensional outline drawings. See “Package Dimensions” sec-
tion of this catalog.
Junction temperature range (TJ) is -40°C to +125°C.
Lead solder temperature is a maximum of +230°C for 10 seconds
maximum;
≥ 1/16" (1.59mm) from case.
Electrical Specification Notes
(1)
See Figure 9.6 for VBO change vs junction temperature.
(2)
See Figure 9.7 for IBO vs junction temperature.
(3)
See Figure 9.2 for IH vs case temperature.
(4)
See Figure 9.14 for test circuit.
(5)
See Figure 9.1 for more than one full cycle rating.
(6)
RθJA for TO-202 Type 23 and Type 41 is 70°C/watt.
(7)
TC ≤ 90°C for TO-92 Sidac and TC ≤ 105°C for TO-202 Sidacs.
TL ≤ 100°C for DO-15X and TL ≤ 90°C for DO-214AA.
(8)
See Figure 9.15 for clarification of Sidac operation.
(9)
For best Sidac operation, the load impedance should be near or
less than switching resistance.
(10) Teccor's new, improved series of sidacs is designed to ensure
goodcommutationathigherswitchingfrequenciesasrequiredinignitor
circuits for high intensity discharge (HID) lighting. A typical circuit
for a metal halide lamp ignitor is shown in the schematic, Figure
9.3. With proper component selection this circuit will produce three
pulses for ignition of Osram lamp types such as HQI-T70W, HQI-
T150W, and HQI-T250W which require a minimum of three pulses
at 4kV magnitude and >1
µs duration each at a minimum repetition
rate of 3.3kHz.
Type
Part No.
IT(RMS)
VDRM
VBO
IDRM
IBO
TO-92
E Package
DO-15X
G Package
TO-202AB
F Package
DO-214AA
S Package
On-State
RMSCurrent
TJ≤125°C
50/60Hz
Sine Wave
(7) (8)
Amps
Repetitive
Peak
Off-State
Voltage
Volts
Breakover Voltage
50/60Hz Sine Wave
(1)
Volts
Repetitive
Peak
Off-State
Current
50/60Hz
Sine Wave
V=VDRM
µAmps
Breakover
Current
50/60Hz
Sine Wave
µAmps
See “Package Dimensions” section for variations.
MAX
MIN
MIN
MAX
MAX
MAX
K1050E70
K1050G
K1050S
1.0
±90
95
113
5
10
K1100E70
K1100G
K1100S
1.0
±90
104
118
5
10
K1200E70
K1200G
K1200S
1.0
±90
110
125
5
10
K1300E70
K1300G
K1300S
1.0
±90
120
138
5
10
K1400E70
K1400G
K1400S
1.0
±90
130
146
5
10
K1500E70
K1500G
K1500S
1.0
±90
140
170
5
10
K2000E70
K2000G
K2000F1
K2000S
1.0
±180
190
215
5
10
K2200E70
K2200G
K2200F1
K2200S
1.0
±180
205
230
5
10
K2400E70
K2400G
K2400F1
K2400S
1.0
±190
220
250
5
10
K2401F1
1.0 (10)
±190
220
250
5
10
K2500E70
K2500G
K2500F1
K2500S
1.0
±190
240
280
5
10
K3000F1
1.0
±190
270
330
5
10


Similar Part No. - K1050S

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K1050S TECCOR-K1050S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1050S LITTELFUSE-K1050S Datasheet
181Kb / 7P
   High-voltage lamp ignitors
K1050S1URP LITTELFUSE-K1050S1URP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
K1050S70AP LITTELFUSE-K1050S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K1050S70RP LITTELFUSE-K1050S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K1050S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
   Silicon Bilateral Switch
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
   Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
   Silicon Bilateral Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com