Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVSP1A105M Datasheet(PDF) 5 Page - NEC

Part # SVSP1A105M
Description  Surface mount resin molded, Ultra miniaturized chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVSP1A105M Datasheet(HTML) 5 Page - NEC

  SVSP1A105M Datasheet HTML 1Page - NEC SVSP1A105M Datasheet HTML 2Page - NEC SVSP1A105M Datasheet HTML 3Page - NEC SVSP1A105M Datasheet HTML 4Page - NEC SVSP1A105M Datasheet HTML 5Page - NEC SVSP1A105M Datasheet HTML 6Page - NEC SVSP1A105M Datasheet HTML 7Page - NEC SVSP1A105M Datasheet HTML 8Page - NEC SVSP1A105M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
SVS SERIES
TAPE AND REEL SPECIFICATION
[Carrier Tape Specification and Packing Quantity]
A0
B0
D0
Feed direction
sprocket hole
embossed cavity
P1
E
F
W
t
K
P2
P0
A0
±0.2
1.4
B0
±0.2
2.2
W
±0.3
8.0
F
±0.05
3.5
E
±0.1
1.75
P1
±0.1
4.0
P2
±0.05
2.0
P0
±0.1
4.0
D0
φ1.5
K
±0.2
1.4
t
0.2
Q'ty/Reel
3000
(Unit : mm)
Tape width
8
(Unit : mm)
A
φ178±2.0
N
φ50 min.
C
φ13±0.5
D
φ21±0.5
B
2.0
±0.5
W1
10.0
±1.0
W2
14.5 max.
R
1
W2
CNA
D
B
R
W1
[Reel Specification]
+0.1
0


Similar Part No. - SVSP1A105M

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SVS-3-1/8 FESTO-SVS-3-1/8 Datasheet
87Kb / 1P
   Front panel valve
4/10/22
SVS-4-1/8 FESTO-SVS-4-1/8 Datasheet
97Kb / 1P
   Front panel valve
4/10/22
logo
ETAL Group
SVS02 ETAL-SVS02 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-04-P310-L50-S15-E00 ETAL-SVS02-04-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-08-P310-L50-S15-E00 ETAL-SVS02-08-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
More results

Similar Description - SVSP1A105M

ManufacturerPart #DatasheetDescription
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
RUBYCON CORPORATION
400QXW180MEFC18X40 RUBYCON-400QXW180MEFC18X40 Datasheet
199Kb / 2P
   105??Ultra Miniaturized
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
   Resin-Molded Chip - Automotive Product Range
logo
NEC
SVFB21V105M NEC-SVFB21V105M Datasheet
142Kb / 16P
   Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
logo
List of Unclassifed Man...
MCMR ETC2-MCMR Datasheet
280Kb / 6P
   Ultra - Miniaturized Radial Capacitors
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Vishay Siliconix
TMCU VISHAY-TMCU Datasheet
261Kb / 14P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Ultra Flat Low Profile
Revision: 26-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com