Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-4A10F-CT Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # PV-4A10F-CT
Description  10x38mm photovoltaic fuses 1000Vdc, 1-30A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-4A10F-CT Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  PV-4A10F-CT Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-4A10F-CT Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-4A10F-CT Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-4A10F-CT Datasheet HTML 4Page - Cooper Bussmann, Inc. PV-4A10F-CT Datasheet HTML 5Page - Cooper Bussmann, Inc. PV-4A10F-CT Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 10121
Effective July 2016
10x38mm photovoltaic fuses — 1000Vdc, 1-30A
Eaton.com/bussmannseries
Time-current characteristics — 1-20A:
12 3
3.5
4
5
68
10
12
15
20
10
1000
2
4
6
10,000
1
0.1
2
4
6
2
4
6
2
4
6
2
4
6
100
1
10
8
6
4
2
100
8
6
4
2
1000
8
6
4
2
Available current, DC - time constant < 1ms (amps)


Similar Part No. - PV-4A10F-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV-4A10F-CT ETC1-PV-4A10F-CT Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
PV-4A10F-CT EATON-PV-4A10F-CT Datasheet
692Kb / 2P
   HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
PV-4A10F-CT EATON-PV-4A10F-CT Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
PV-4A10F-CT EATON-PV-4A10F-CT Datasheet
958Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
More results

Similar Description - PV-4A10F-CT

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PV-1A10F EATON-PV-1A10F Datasheet
958Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
List of Unclassifed Man...
PV-1A10F ETC1-PV-1A10F Datasheet
954Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
Cooper Bussmann, Inc.
PVM-10 COOPER-PVM-10 Datasheet
622Kb / 2P
   PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
Littelfuse
FLQ LITTELFUSE-FLQ_V01 Datasheet
780Kb / 5P
   FLQ SERIES MIDGET (10x38mm) FUSES
Rev: 4-B-041217
logo
Cooper Bussmann, Inc.
PV-8A10F COOPER-PV-8A10F Datasheet
228Kb / 2P
   PV Fuse Protects Photovoltaic Panels up to 1000Vdc
DCM-7 COOPER-DCM-7 Datasheet
233Kb / 1P
   Fast-Acting 13??2? x 1 1??? (10x38mm) Midget Fuses, 600Vac/dc, 1??0??0A
KLM-2 COOPER-KLM-2 Datasheet
235Kb / 1P
   Fast-Acting 13??2? x 1 1??? (10x38mm) Midget Fuses, 600Vac/dc, 1??0??0A
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
   FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
logo
Eaton All Rights Reserv...
PVM EATON-PVM Datasheet
715Kb / 2P
   PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
   FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com