Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVSP0J225M Datasheet(PDF) 2 Page - NEC

Part # SVSP0J225M
Description  Surface mount resin molded, Ultra miniaturized chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVSP0J225M Datasheet(HTML) 2 Page - NEC

  SVSP0J225M Datasheet HTML 1Page - NEC SVSP0J225M Datasheet HTML 2Page - NEC SVSP0J225M Datasheet HTML 3Page - NEC SVSP0J225M Datasheet HTML 4Page - NEC SVSP0J225M Datasheet HTML 5Page - NEC SVSP0J225M Datasheet HTML 6Page - NEC SVSP0J225M Datasheet HTML 7Page - NEC SVSP0J225M Datasheet HTML 8Page - NEC SVSP0J225M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
SVS SERIES
PRODUCT LINE-UP AND MARKING CODE
2.5
4
6.3
10
16
0.33
CN
0.47
CS
0.68
AW
CW
1JA
AA
CA
1.5
GE
JE
AE
2.2
eJ
GJ
JJ
AJ
3.3
eN
GN
JN
AN
4.7
eS
GS
JS
6.8
eW
GW
JW
10
7eA
7GA
7JA
UR
(Vdc)
Capacitance
(
µF)
UR : Rated voltage
PART NUMBER SYSTEM
[BULK]
[TAPE & REEL]
Marking detail
SVS
P
0J
105
M
TE SVSP0J105M 8 R
Polarity mark
Polarity mark
Feed direction
Tape
Tape
R : (Standard)
Orientation
L : (Non-Standard)
Orientation
Feed direction
Capacitance tolerance
±20%
Packing orientation
Tape and reel
Tape width 8 mm
Part number of bulk
(see left)
Capacitance code in pF
First two digits represent significant
figures. Third digit specifies number
of zeros to follow.
Rated voltage
0E : 2.5 V, 0G : 4 V, 0J : 6.3 V
1A : 10 V, 1C : 16 V
Case code
SVS series
J A
Production date code
(indicated by dots)
Marking code
(corresponding to rated
voltage and capacitance)
Polarity
Implement date code on trial.
+
up to 6.8 F
µ
10 F
µ
∗∗
∗∗
7 J A


Similar Part No. - SVSP0J225M

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SVS-3-1/8 FESTO-SVS-3-1/8 Datasheet
87Kb / 1P
   Front panel valve
4/10/22
SVS-4-1/8 FESTO-SVS-4-1/8 Datasheet
97Kb / 1P
   Front panel valve
4/10/22
logo
ETAL Group
SVS02 ETAL-SVS02 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-04-P310-L50-S15-E00 ETAL-SVS02-04-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-08-P310-L50-S15-E00 ETAL-SVS02-08-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
More results

Similar Description - SVSP0J225M

ManufacturerPart #DatasheetDescription
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
RUBYCON CORPORATION
400QXW180MEFC18X40 RUBYCON-400QXW180MEFC18X40 Datasheet
199Kb / 2P
   105??Ultra Miniaturized
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
   Resin-Molded Chip - Automotive Product Range
logo
NEC
SVFB21V105M NEC-SVFB21V105M Datasheet
142Kb / 16P
   Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
logo
List of Unclassifed Man...
MCMR ETC2-MCMR Datasheet
280Kb / 6P
   Ultra - Miniaturized Radial Capacitors
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Vishay Siliconix
TMCU VISHAY-TMCU Datasheet
261Kb / 14P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Ultra Flat Low Profile
Revision: 26-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com