Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVHD21D156M Datasheet(PDF) 11 Page - NEC

Part # SVHD21D156M
Description  SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVHD21D156M Datasheet(HTML) 11 Page - NEC

Back Button SVHD21D156M Datasheet HTML 7Page - NEC SVHD21D156M Datasheet HTML 8Page - NEC SVHD21D156M Datasheet HTML 9Page - NEC SVHD21D156M Datasheet HTML 10Page - NEC SVHD21D156M Datasheet HTML 11Page - NEC SVHD21D156M Datasheet HTML 12Page - NEC SVHD21D156M Datasheet HTML 13Page - NEC SVHD21D156M Datasheet HTML 14Page - NEC SVHD21D156M Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
SV/H SERIES
Endurance (85
°C, UR × 1.3 applied, n = 50)
(reference data)
6
4
2
0
–2
–4
–6
0.08
0.06
0.04
0.02
0.1
0.01
0.001
initial
500 h
10 V/2.2 F
µ
1000 h
0
6
4
2
0
–2
–4
–6
0.08
0.06
0.04
0.02
0.1
0.01
0.001
initial
500 h
35 V/0.33 F
µ
1000 h
0


Similar Part No. - SVHD21D156M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
SVH ILLINOISCAPACITOR-SVH Datasheet
221Kb / 4P
   Small size ??Extended Life ??Low cost
logo
List of Unclassifed Man...
SVH-100A483AAT ETC2-SVH-100A483AAT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Caliber Electronics Inc...
SVH-100A483AAT CALIBER-SVH-100A483AAT Datasheet
58Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
List of Unclassifed Man...
SVH-100A483ABT ETC2-SVH-100A483ABT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Caliber Electronics Inc...
SVH-100A483ABT CALIBER-SVH-100A483ABT Datasheet
58Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
More results

Similar Description - SVHD21D156M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
logo
AVX Corporation
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
logo
Vishay Siliconix
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
TM8 VISHAY-TM8 Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com