Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA102B-E1 Datasheet(PDF) 3 Page - NEC

Part # UPA102B-E1
Description  HIGH FREQUENCY NPN TRANSISTOR ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA102B-E1 Datasheet(HTML) 3 Page - NEC

  UPA102B-E1 Datasheet HTML 1Page - NEC UPA102B-E1 Datasheet HTML 2Page - NEC UPA102B-E1 Datasheet HTML 3Page - NEC UPA102B-E1 Datasheet HTML 4Page - NEC UPA102B-E1 Datasheet HTML 5Page - NEC UPA102B-E1 Datasheet HTML 6Page - NEC UPA102B-E1 Datasheet HTML 7Page - NEC UPA102B-E1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
µPA102
3
Data Sheet P10707EJ2V0DS00
ELECTRICAL CHARACTERISTICS (Unless otherwise specified TA = +25
°C
µPA102B, µPA102G common)
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN.
TYP.
MAX.
ICBO
Collector Cutoff Current at VCB = 5 V, IE = 0 (Q1, Q2, Q4, Q5)
µA
1.0
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0 (Q3, Q6)
µA
1.0
hFE
Direct Current Amplification at VCE = 3 V, IC = 1 mA (Q3, Q6)
40
100
250
hFE1/hFE2
Direct Current Amplification Ratio at VCE = 3 V, IC = 1 mA, (Q3, Q6)
0.9
1.0
1.1
CCB
Collector to Base Capacitance at VCB = 3 V, f = 1 MHz (Q1, Q2, Q4, Q5)
pF
0.9
1.8
CEB
Emitter to Base Capacitance at VEB = 0, f = 1 MHz (Q3, Q6)
pF
1.4
2.8
CCS
Collector/Substrate Capacitance at VCS = 3 V, f = 1 MHz (Q1, Q2, Q4, Q5)
pF
1.4
2.8
fT
Gain Bandwidth Product* at VCE = 3 V, IC = 10 mA
GHz
9.0
* Measured by installing a single transistor in a Micro-X package: the value shown is a reference value.
CONNECTION DIAGRAM (Top View)
µPA102B
µPA102G
SUB
SUB
14
13
12
11
10
9
8
1
2
345
6
7
Q1 Q2
Q3
Q4 Q5
Q6
TEST CIRCUIT SCHEMATIC* (For Electrical Characteristics Measurements excluding fT)
Q1
Q2
1
4
13
14
Q3
2
3
* See performance characteristics for voltage.
Q1
Q2
Q3
14
13
12
11
10
9
8
1
2
345
6
7
SUB
SUB
Q6
Q4
Q5


Similar Part No. - UPA102B-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA101B-E1 NEC-UPA101B-E1 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA101G-E1 NEC-UPA101G-E1 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA103B NEC-UPA103B Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
More results

Similar Description - UPA102B-E1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3127 INTERSIL-CA3127 Datasheet
60Kb / 7P
   High Frequency NPN Transistor Array
August 1996
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA104 NEC-UPA104 Datasheet
65Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Intersil Corporation
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
   Radiation Hardened Ultra High Frequency NPN Transistor Array
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
   HIGH FREQUENCY TRANSISTOR NPN
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
   NPN (HIGH FREQUENCY TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com