Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UB2-3SNU-L Datasheet(PDF) 7 Page - NEC

Part No. UB2-3SNU-L
Description  Super-compact size, Slim-package, Surface mounting type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UB2-3SNU-L Datasheet(HTML) 7 Page - NEC

Back Button UB2-3SNU-L Datasheet HTML 3Page - NEC UB2-3SNU-L Datasheet HTML 4Page - NEC UB2-3SNU-L Datasheet HTML 5Page - NEC UB2-3SNU-L Datasheet HTML 6Page - NEC UB2-3SNU-L Datasheet HTML 7Page - NEC UB2-3SNU-L Datasheet HTML 8Page - NEC UB2-3SNU-L Datasheet HTML 9Page - NEC UB2-3SNU-L Datasheet HTML 10Page - NEC UB2-3SNU-L Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UA2/UB2 SERIES
7
DATA SHEET ER0450EJ2V0DS00
5
4
3
2
1
0
00.5
1
5
10
Number of Operations (
× 106 Times)
Average
Operate Voltage
Release Voltage
200
100
50
20
10
0
00.5
1
5
10
Number of Operations (
× 106 Times)
Make Contact
Breake Contact
Nonload (mechanical) Life Test
(Load: Nonload, Drive: 5VDC 10 Hz 50% duty, at 20 degreeC, Sample: UA2-5 n=20)
5
4
3
2
1
0
0
0.5
1
Number of Operations (
× 106 Times)
Operate Voltage
Release Voltage
200
100
50
20
10
0
0
0.5
1
Number of Operations (
× 106 Times)
Make Contact
Breake Contact
Electrical Life Test
(Load: 5VDC/0.1 A Resistive, Drive: 5VDC 5 Hz 50% duty, at 85 degreeC, Sample: UA2-5NU n=10)
Maximum
Minimum
Breakdown Voltage
0.5
1.0
Breakdown Voltage (kV)
Breakdown Voltage (kV)
10
5
0
1.5
Sample : UA2-5NU
(a) Between open contact (sample : n=20)
1.5
2.0
Breakdown Voltage (kV)
10
5
0
2.5
2.6
(c) Between coil to contact (sample : n=10)
1.5
2.0
10
5
0
2.5
(b) Between adjacent contact (sample : n=10)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn