Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF152E Datasheet(PDF) 3 Page - NEC

Part # SF152E
Description  ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SF152E Datasheet(HTML) 3 Page - NEC

  SF152E Datasheet HTML 1Page - NEC SF152E Datasheet HTML 2Page - NEC SF152E Datasheet HTML 3Page - NEC SF152E Datasheet HTML 4Page - NEC SF152E Datasheet HTML 5Page - NEC SF152E Datasheet HTML 6Page - NEC SF152E Datasheet HTML 7Page - NEC SF152E Datasheet HTML 8Page - NEC SF152E Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SF/E SERIES
Notes : 1) The type are for standard lead. When long lead type is required, add “–1” at the end of type name.
2) The maximum temperature limit of SF226E is partially approved as shown below.
RECOGNIZED MAXIMUM TEMPERATURE LIMIT OF SF226E
∗ Under application to increase to 300˚C
3) The additional electrical ratings are recognized by UL and CSA as follows.
UL : 277 Vac / 15 A (Resistive), 240 Vac / 15 A (Resistive), 120 Vac / 15 A (Resistive, Inductive),
CSA : 250 Vac max. / 15 A max. (Resistive, Inductive)
4) SF169E, SF188E, SF214E, SF226E and SF240E are recognized the Conductive Heat Aging Test (CH-ratings) of UL.
Type
Name
SF70E
SF76E
SF91E
SF96E
SF109E
SF119E
SF129E
SF139E
SF152E
SF169E
SF188E
SF214E
SF226E
SF240E
Rated
Functioning
Temperature
73 ˚C
77 ˚C
94 ˚C
99 ˚C
113 ˚C
121 ˚C
133 ˚C
142 ˚C
157 ˚C
172 ˚C
192 ˚C
216 ˚C
227 ˚C
240 ˚C
Operating
Temperature
70
±2 ˚C
76
±2 ˚C
91
±2 ˚C
96
±2 ˚C
109
±2 ˚C
119
±2 ˚C
129
±2 ˚C
139
±2 ˚C
152
±2 ˚C
169
±2 ˚C
188
±2 ˚C
214
±2 ˚C
226
±2 ˚C
237
±2 ˚C
TH
Th
TC
45 ˚C
51 ˚C
66 ˚C
71 ˚C
84 ˚C
94 ˚C
104 ˚C
114 ˚C
127 ˚C
144 ˚C
164 ˚C
189 ˚C
190 ˚C
190 ˚C
TM
Tm
150 ˚C
150 ˚C
150 ˚C
150 ˚C
150 ˚C
150 ˚C
159 ˚C
159 ˚C
172 ˚C
189 ˚C
300 ˚C
350 ˚C
350 ˚C
Rated
Current
Rated
Voltage
Safety Standard
UL
CSA
VDE
BEAB
33–312
33–331
33–332
33–333
33–334
33–335
33–336
33–549
33–354
made
in Japan
33–835
33–834
33–833
33–832
33–831
33–830
33–827
33–828
made
in Thailand
STANDARD RATINGS
10 Aac
(Resistive)
250 Vac
(Resistive)
LR
52330
E71747
C0623
6778.2
–4510–
1008
1
3
3
1
1
3
1
3
0
4
3
1
3
1
3)
3)
2)
SF226E
UL
240˚C
CSA
330˚C
VDE
300˚C
BEAB
300˚C
4)


Similar Part No. - SF152E

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF152 WTE-SF152 Datasheet
46Kb / 3P
   1.5A SOFT FAST RECOVERY RECTIFIER
SF152-T3 WTE-SF152-T3 Datasheet
46Kb / 3P
   1.5A SOFT FAST RECOVERY RECTIFIER
SF152-TB WTE-SF152-TB Datasheet
46Kb / 3P
   1.5A SOFT FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
SF1520 ZSELEC-SF1520 Datasheet
98Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Amphenol SV Microwave
SF1521-60013 SVMICROWAVE-SF1521-60013 Datasheet
456Kb / 1P
   2.92MM JACK 2HOLE FL MT W/ 0-80 UNF THD
04/02/09
More results

Similar Description - SF152E

ManufacturerPart #DatasheetDescription
logo
NEC
SM110G0 NEC-SM110G0 Datasheet
82Kb / 8P
   FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES (250 Va.c.) and 3 and 5 AMPERES (50 Vd.c.) Rated Current
logo
Microsemi Corporation
1N897 MICROSEMI-1N897 Datasheet
66Kb / 2P
   PELLET DIODES
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
logo
Microdiode Electronics ...
MUR1010 CHENDA-MUR1010 Datasheet
957Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
SF1010 CHENDA-SF1010 Datasheet
958Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
SF1010CT CHENDA-SF1010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
logo
Gaomi Xinghe Electronic...
SF1001 GXELECTRONICS-SF1001 Datasheet
579Kb / 2P
   VOLTAGE - 50 TO 600 VOLTS CURRENT - 10 AMPERES
logo
Microdiode Electronics ...
MUR1010CT CHENDA-MUR1010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
logo
JMK Inc.
EA-0380-10A JMK-EA-0380-10A Datasheet
140Kb / 1P
   Operating Voltage = 115/250VAC Operating Current = 10 amperes
logo
Unisonic Technologies
MCR08L-2-X-T92-B UTC-MCR08L-2-X-T92-B Datasheet
187Kb / 4P
   Sensitive gate trigger current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com