Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVFB21A475M Datasheet(PDF) 4 Page - NEC

Part # SVFB21A475M
Description  Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVFB21A475M Datasheet(HTML) 4 Page - NEC

  SVFB21A475M Datasheet HTML 1Page - NEC SVFB21A475M Datasheet HTML 2Page - NEC SVFB21A475M Datasheet HTML 3Page - NEC SVFB21A475M Datasheet HTML 4Page - NEC SVFB21A475M Datasheet HTML 5Page - NEC SVFB21A475M Datasheet HTML 6Page - NEC SVFB21A475M Datasheet HTML 7Page - NEC SVFB21A475M Datasheet HTML 8Page - NEC SVFB21A475M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
SV/F SERIES
DATA SHEET EC0003EJ3V1DS00
PART NUMBER WITH FUNDAMENTAL PERFORMANCE
Rated
Voltage
(Vdc)
10
16
20
25
35
50
Capacitance
(
µF)
4.7
15
15
33
33
47
3.3
4.7
6.8
10
15
22
22
33
2.2
4.7
10
10
15
22
1.5
3.3
6.8
6.8
10
1.0
2.2
4.7
4.7
6.8
1.0
3.3
Tangent of loss angle
max.
0.04
0.06
0.06
0.06
0.06
0.06
0.04
0.04
0.06
0.06
0.06
0.06
0.06
0.06
0.04
0.04
0.06
0.06
0.06
0.06
0.04
0.04
0.06
0.06
0.06
0.04
0.04
0.04
0.04
0.06
0.04
0.04
Leakage Current
(
µA) max.
0.5
1.5
1.5
3.3
3.3
4.7
0.5
0.7
1.0
1.6
2.4
3.5
3.5
5.2
0.5
0.9
2.0
2.0
3.0
4.4
0.5
0.8
1.7
1.7
2.5
0.5
0.7
1.6
1.6
2.3
0.5
1.7
Part Number
SVFB21A475M
SVFC1A156M
SVFD21A156M
SVFD21A336M
SVFD1A336M
SVFD1A476M
SVFB21C335M
SVFC1C475M
SVFC1C685M
SVFC1C106M
SVFD21C156M
SVFD21C226M
SVFD1C226M
SVFD1C336M
SVFB21D225M
SVFC1D475M
SVFD21D106M
SVFD1D106M
SVFD1D156M
SVFD1D226M
SVFB21E155M
SVFC1E335M
SVFD21E685M
SVFD1E685M
SVFD1E106M
SVFB21V105M
SVFC1V225M
SVFD21V475M
SVFD1V475M
SVFD1V685M
SVFC1H105M
SVFD21H335M
Case Code
B2
C
D2
D2
D
D
B2
C
C
C
D2
D2
D
D
B2
C
D2
D
D
D
B2
C
D2
D
D
B2
C
D2
D
D
C
D2


Similar Part No. - SVFB21A475M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
SVF ILLINOISCAPACITOR-SVF Datasheet
244Kb / 2P
   5mm Height ??Lead free leads
logo
M-System Co.,Ltd.
SVF MSYSTEM-SVF Datasheet
105Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SVF-00-B MSYSTEM-SVF-00-B Datasheet
108Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SVF-00-B MSYSTEM-SVF-00-B Datasheet
105Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SVF-00-B/CE MSYSTEM-SVF-00-B/CE Datasheet
108Kb / 3P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - SVFB21A475M

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1T BEL-C1T_18 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1S BEL-C1S_12 Datasheet
967Kb / 4P
   Surface Mount Slow Blow Chip Fuse
C1S BEL-C1S_17 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1S BEL-C1S Datasheet
90Kb / 2P
   Surface Mount Slow Blow Chip Fuse
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
   Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
C1T BEL-C1T Datasheet
2Mb / 4P
   Surace Mount Slow Blow Chip Fuse
SST375 BEL-SST375 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Slow Blow Fuse
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com