Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVFB21A475M Datasheet(PDF) 2 Page - NEC

Part # SVFB21A475M
Description  Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVFB21A475M Datasheet(HTML) 2 Page - NEC

  SVFB21A475M Datasheet HTML 1Page - NEC SVFB21A475M Datasheet HTML 2Page - NEC SVFB21A475M Datasheet HTML 3Page - NEC SVFB21A475M Datasheet HTML 4Page - NEC SVFB21A475M Datasheet HTML 5Page - NEC SVFB21A475M Datasheet HTML 6Page - NEC SVFB21A475M Datasheet HTML 7Page - NEC SVFB21A475M Datasheet HTML 8Page - NEC SVFB21A475M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
SV/F SERIES
DATA SHEET EC0003EJ3V1DS00
PRODUCT LINE-UP AND MARKING CODE
10
16
20
25
35
50
1.0
B2
C
1.5
B2
2.2
B2
C
3.3
B2
C
D2
4.7
B2
C
C
D2, D
6.8
C
D2, D
D
10
C
D2, D
D
15
C, D2
D2
D
22
D2, D
D
33
D2, D
D
47
D
PRODUCTION DATE CODE
1995
1996
1997
1998
Jan
a
n
A
N
Feb
b
p
B
P
Mar
c
q
C
Q
Apr
d
r
D
R
May
e
s
E
S
Jun
f
t
F
T
Jul
g
u
G
U
Aug
h
v
H
V
Sep
j
w
J
W
Oct
k
x
K
X
Nov
l
y
L
Y
Dec
m
z
M
Z
Month
Year
Date code will resume beginning in 1999.
Capacitance
(
µF)
UR
(Vdc)
UR : Rated voltage
PART NUMBER SYSTEM
BULK (Packed in poly bag)
TAPE AND REEL
SVF B2 1V
105
M
TE SVFB21V105M 8 R
Polarity mark
Polarity mark
Feed direction
Tape
Tape
R : (Standard)
Orientation
L : (Non-Standard)
Orientation
Feed direction
Capacitance tolerance
M for
±20%
Packing orientation
Tape and reel
Tape width
8 mm for B2 case
12 mm for C, D and D2 case
Part number of bulk
(see left)
Capacitance code in pF
First two digits represent significant
figures. Third digit specifies number
of zeros to follow.
Rated voltage 1H : 50 V
1V : 35 V
1E : 25 V
1D : 20 V
1C : 16 V
1A : 10 V
Case code
SVF series


Similar Part No. - SVFB21A475M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
SVF ILLINOISCAPACITOR-SVF Datasheet
244Kb / 2P
   5mm Height ??Lead free leads
logo
M-System Co.,Ltd.
SVF MSYSTEM-SVF Datasheet
105Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SVF-00-B MSYSTEM-SVF-00-B Datasheet
108Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SVF-00-B MSYSTEM-SVF-00-B Datasheet
105Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SVF-00-B/CE MSYSTEM-SVF-00-B/CE Datasheet
108Kb / 3P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - SVFB21A475M

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1T BEL-C1T_18 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1S BEL-C1S_12 Datasheet
967Kb / 4P
   Surface Mount Slow Blow Chip Fuse
C1S BEL-C1S_17 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1S BEL-C1S Datasheet
90Kb / 2P
   Surface Mount Slow Blow Chip Fuse
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
   Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
C1T BEL-C1T Datasheet
2Mb / 4P
   Surace Mount Slow Blow Chip Fuse
SST375 BEL-SST375 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Slow Blow Fuse
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com