Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF109E Datasheet(PDF) 6 Page - NEC

Part # SF109E
Description  ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SF109E Datasheet(HTML) 6 Page - NEC

Back Button SF109E Datasheet HTML 2Page - NEC SF109E Datasheet HTML 3Page - NEC SF109E Datasheet HTML 4Page - NEC SF109E Datasheet HTML 5Page - NEC SF109E Datasheet HTML 6Page - NEC SF109E Datasheet HTML 7Page - NEC SF109E Datasheet HTML 8Page - NEC SF109E Datasheet HTML 9Page - NEC SF109E Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
SF/E SERIES
Cautions
This section describes cautions designed to protect the performance of the thermal cutoff, Be sure to read and
fully understand these cautions.
To obtain full performance from the thermal cutoff, it is necessary for the customer to appropriately store
the thermal cutoff, design appropriate circuits for the application, and perform evaluations, mounting and
testing as necessary. Problems arising from the inappropriate execution of the above are the responsibility
of the customer, and NEC declines any and all responsibility.
Design Cautions
q
Do not use this device for any purpose other than as a thermal cutoff.
The thermal cutoff is designed to detect abnormal rises in temperature and break circuits if needed. It is not
a current fuse that cuts excess current. If used as a current fuse, the SEFUSE may malfunction.
q
Do not use this device in aerospace equipment, aeronautical equipment, nuclear reactor control systems, Iife
support equipment or systems, transportation machinery engine control or safety-related equipment.
This device is designed for use in household electric appliance, office automation equipment, audio and video
equipment, computer communications equipment, test and measurement equipment, personal electronic
equipment and transportation equipment (excluding engine control).
q
The customer should select the proper thermal cutoff device, mounting location, and mounting method as
appropriate for each application.
Verify whether the chosen selections are appropriate by repeatedly testing the final design for thermal cutoff
under normal conditions as well as under predicted maximum abnormal conditions.
q
Make designs so that the temperature of the body of the thermal cutoff does not exceed the temperatures
shown in Table 1.
If, the temperature is exceeded on a regular basis, the thermal cutoff may start operating only at temperatures
lower than the normal operating temperature. Malfunctions may also occur. Even if the thermal cutoff's
operating temperature is exceeded, it may malfunction.
Table 1.
Type
SF 70E
SF 76E
SF 91E
SF 96E
SF109E
SF119E
SF129E
SF139E
SF152E
SF169E
SF188E
SF214E
SF226E
SF240E
Body
Temperature
50˚C
56˚C
71˚C
76˚C
89˚C
99˚C
109˚C
119˚C
132˚C
140˚C
140˚C
140˚C
140˚C
140˚C


Similar Part No. - SF109E

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF109 GOOD-ARK-SF109 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
RF Monolithics, Inc
SF1090A RFM-SF1090A Datasheet
171Kb / 6P
   350 MHz SAW Filter
SF1091A RFM-SF1091A Datasheet
236Kb / 9P
   211 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1091A MURATA-SF1091A Datasheet
84Kb / 4P
   211 MHz SAW Filter
logo
RF Monolithics, Inc
SF1092A RFM-SF1092A Datasheet
230Kb / 9P
   199 MHz SAW Filter
More results

Similar Description - SF109E

ManufacturerPart #DatasheetDescription
logo
NEC
SM110G0 NEC-SM110G0 Datasheet
82Kb / 8P
   FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES (250 Va.c.) and 3 and 5 AMPERES (50 Vd.c.) Rated Current
logo
Microsemi Corporation
1N897 MICROSEMI-1N897 Datasheet
66Kb / 2P
   PELLET DIODES
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
logo
Microdiode Electronics ...
MUR1010 CHENDA-MUR1010 Datasheet
957Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
SF1010 CHENDA-SF1010 Datasheet
958Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
SF1010CT CHENDA-SF1010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
logo
Gaomi Xinghe Electronic...
SF1001 GXELECTRONICS-SF1001 Datasheet
579Kb / 2P
   VOLTAGE - 50 TO 600 VOLTS CURRENT - 10 AMPERES
logo
Microdiode Electronics ...
MUR1010CT CHENDA-MUR1010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
logo
JMK Inc.
EA-0380-10A JMK-EA-0380-10A Datasheet
140Kb / 1P
   Operating Voltage = 115/250VAC Operating Current = 10 amperes
logo
Unisonic Technologies
MCR08L-2-X-T92-B UTC-MCR08L-2-X-T92-B Datasheet
187Kb / 4P
   Sensitive gate trigger current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com