Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

455U-D-H Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 455U-D-H
Description  455U-D Wireless Serial Modem
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

455U-D-H Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  455U-D-H Datasheet HTML 1Page - Cooper Bussmann, Inc. 455U-D-H Datasheet HTML 2Page - Cooper Bussmann, Inc. 455U-D-H Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data TD032006EN
Effective January 2016
455U-D Wireless Serial Modem
EATON www.eaton.com
Specifications
SPECIFICATION
DESCRIPTION
Transmitter and Receiver
Modulation
Direct frequency shift keying (DFSK), 4-level FSK
Transmit power a
58–72 MHz, 100 mW–5W
148–174 MHz, 100 mW–5W
220–235 MHz, 100 mW–5W
360–512 MHz, 100 mW–5W
Receiver sensitivity
–114 dBm @ 2.4 kbps (3% BER)
Data rate
19.2 kbps (25 kHz channel), 9.6 kbps (12.5 kHz)
Range (LoS)
34 miles (55 km) @ 5W (single hop with repeater options) b
Antenna connector
SMA female
Input/Output
Digital input c
1 voltage-free
Digital output c
1 (FET 30 Vdc, 500 mA)
Serial Port
RS-232
DB-9 female DCE; RTS/CTS/DTR/DCD (hardware signals
provided)
RS-485
2-pin terminal block, max. distance 4000' (1.2 km),
non-isolated
Data rate
600 bps to 115.2 kbps, 7 or 8 data bits, stop/start/parity bits
configurable
Protocols and Configuration
Protocols supported
Modbus RTU, DNP3, DF1, PROFIBUS® DP
User configuration
Dedicated serial port and remote configuration
System address
System, 16-bit value (0–65535)
Group address, 7-bit value (0–127)
Configurable parameters
Broadcast mode, addressed mode, optimum path routing
mode, RF baud rate, serial baud rate
Security
128-bit AES data encryption
LED Indication and Diagnostics
LED indicators
Power OK, RX, TX, link, RS-232, RS-485, DIO
Reported diagnostics
RSSI/background noise (dBm), bit error ratio (BER), duty
cycle, temperature, supply voltage
Network management
Optional network management system
General
Size
5.5" x 4.5" x 1.2" (115 mm x 141 mm x 32 mm)
Housing
Powder-coated aluminum
Mounting
DIN rail
Terminal strip
Removable, up to 0.1 in.2 (2.5 mm2), 14 AWG
Temperature rating
–30 to +60°C (–30 to +70°C 60MHz reduced performance )
Humidity rating
0–99% RH noncondensing
Weight
1.1 lbs (0.5 kg)
Compliance
EMC
CE, EN 301 489, FCC Part 15
RF (Radio)
FCC Part 90, EN 300 220, EN 300 113, RSS-119,
AS/NZS 4295
Safety
IEC 60950
Power Supply
Nominal supply
11–30 Vdc, under/over voltage protection
Quiescent current
Normal: 110 mA @ 13.5 Vdc
Power saving mode: 40 mA @ 13.5 Vdc
Transmit current
450 mA (<0.5W), 800 mA (1W), 1.25A (2W), 2A (5W)
Battery charger
Floating charge voltage to 13.8 Vdc, current limit set to 1.6A
with minimum supply voltage 17V
Note:
N
Specifications are subject to change.
a
Specify RF frequency and power when ordering
b
Typical maximum line of sight
c
Digital input and output use the same connection
60MHz model only. Transmit power <= 1W. Duty Cycle <= 50%. 2FSK modulation
Ordering
PRODUCT CODE DESCRIPTION
FREQUENCY RF POWER
455U-D-H
455U-D, serial RS-232/RS-485,
12.5/25 kHz spacing, licensed
applications
58–72 MHz
148–174 MHz
220–235 MHz
360–512 MHz
0.1–5W
0.1–5W
0.1–5W
0.5–5W
455U-D-L
455U-D, serial RS-232/RS-485,
12.5/25 kHz spacing, unlicensed
applications
360–512 MHz 10–500 mW
Note:
N
Available RF power and frequency may vary depending on country of
application.
Accessories
PRODUCT CODE
DESCRIPTION
DATA SHEET
Antennas 148–174 MHz
UDP150-5
Dipole antenna, BNC male, 0 dBi gain, 16'
(5m) coaxial cable
TD032065EN
WH150-SMA/BNC Whip antenna, SMA male, 2 dBi gain
TD032064EN
Antennas 220–235 MHz
UDP200-C
Dipole antenna, N-type female, 0 dBi gain
TD032066EN
UDP200-3
Dipole antenna, BNC male, 0 dBi gain, 9' (3m)
coaxial cable
TD032066EN
Antennas 360–512 MHz
UDP400-C
Dipole antenna, N-type female, 2 dBi gain
TD032037EN
UDP400-3
Dipole antenna. BNC male, 0 dBi gain, 9' (3m)
coaxial cable
TD032037EN
BU3-400
Colinear antenna, N-type female, 5 dBi gain
TD032038EN
BU6-400
Colinear antenna, N-type female, 8 dBi gain
TD032039EN
YU3/6/9/16-400
Yagi antenna, 3/6/9/16 element, N-type
female, 6/9/12/15 dBi gain
TD032040EN
TD032041EN
TD032043EN
TD032044EN
Cables
CC3/10/20-SMA
CC3/10/20-SMA coaxial cable kit, 9.8' (3m)/
32' (10m)/65' (20m), N-type to SMA
TD032019EN
TD032020EN
TD032021EN
CCTAIL-SMA-F/M
Coaxial cable tail, 24" (600 mm), SMA to
N-type (female/male)
TD032023EN
SER-DB9
Serial RS-232 cable, DB-9 male to DB-9
female, straight through
TD032026EN
SER-RJ45
Configuration cable (serial RS-232 cable),
DB-9 female to RJ-45
TD032027EN
Surge Diverters
CSD-SMA-2500
SMA surge diverter for use with
CC10/20-SMA
TD032030EN
CSD-N-6000
Coaxial surge diverter, bulkhead N-female to
N-female
TD032031EN
MA15/D/1/S1
Power supply surge diverter, 110 Vac/15A
TD032029EN
IOP32/32D
Signal surge diverter, 2 x 2-wire/1 x 4-wire
TD032032EN
Power Supplies
PS-DINAC-12DC
DIN rail power supply, 100–250 Vac,
12 Vdc/2.5A
TD032033EN
PSG60E
DIN rail power supply, 85–264 Vac, 24
Vdc/2.5A
TD032034EN
Mounting Brackets
BR-COL-KIT
Mounting bracket kit for dipole and
colinear antennas
TD032072EN
BR-YAG-KIT
Mounting bracket kit for Yagi antenna
TD032072EN


Similar Part No. - 455U-D-H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Laird Tech Smart Techno...
455-00058B LSTD-455-00058B Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
455-00083 LSTD-455-00083 Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
logo
List of Unclassifed Man...
455-1620 ETC1-455-1620 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
455-200 ETC2-455-200 Datasheet
37Kb / 1P
   T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
More results

Similar Description - 455U-D-H

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
915U-D COOPER-915U-D Datasheet
98Kb / 3P
   915U-D Wireless Serial Modem
805U-D COOPER-805U-D Datasheet
89Kb / 3P
   805U-D Wireless Serial Modem
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2_13 Datasheet
651Kb / 6P
   19200 baud serial wireless modem
logo
Murata Manufacturing Co...
ZN-241G MURATA-ZN-241G Datasheet
177Kb / 3P
   General Purpose Wireless Serial Modem
logo
List of Unclassifed Man...
TRW-ZIGI ETC2-TRW-ZIGI Datasheet
1Mb / 7P
   Wireless Redio Modem
logo
PHOENIX CONTACT
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
logo
CML Microcircuits
CMX7143 CMLMICRO-CMX7143 Datasheet
168Kb / 5P
   Multi-Mode Wireless Data Modem
logo
Radiometrix Ltd
CPX2 RADIOMETRIX-CPX2 Datasheet
108Kb / 7P
   2700 baud wireless packet modem
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
   CDPD Wireless Modem Data Pump
logo
PHOENIX CONTACT
104460 PHOENIX-104460 Datasheet
285Kb / 9P
   PSI-MODEM-SHDSL/SERIAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com