Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD6.2Z Datasheet(PDF) 3 Page - NEC

Part # RD6.2Z
Description  ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD6.2Z Datasheet(HTML) 3 Page - NEC

  RD6.2Z Datasheet HTML 1Page - NEC RD6.2Z Datasheet HTML 2Page - NEC RD6.2Z Datasheet HTML 3Page - NEC RD6.2Z Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet D14713EJ2V0DS00
3
RD6.2Z
Fig. 4 TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS
(7.5
×××× 10 ×××× 0.675 mm ceramics)
1 m
10 m
1
10
100
100 m
t – Time – s
10
1
100
1000
Fig. 5 SURGE REVERSE POWER RATINGS
1
10
1 m
10 m
TA = 25
°C
Repetitive
tT
100 m
100
t – Pulse Width – s
1
0.1
10
100
1000
µµ
µ


Similar Part No. - RD6.2Z

ManufacturerPart #DatasheetDescription
logo
NEC
RD6.2E NEC-RD6.2E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD6.2E EIC-RD6.2E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD6.2E NJSEMI-RD6.2E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD6.2EAB NEC-RD6.2EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD6.2EAB1 NEC-RD6.2EAB1 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD6.2Z

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
logo
Union Semiconductor, In...
UESD6V85CT36 UNIONSEMI-UESD6V85CT36 Datasheet
307Kb / 6P
   5 Line ESD Protection Diode Array
UESD6V85CT36 UNIONSEMI-UESD6V85CT36_14 Datasheet
204Kb / 6P
   5 Line ESD Protection Diode Array
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384_V01 Datasheet
361Kb / 9P
   ESD Protection Diode 5?묹ine HDMI Control Line ESD Protection
September, 2017 ??Rev. 1
logo
KODENSHI_AUK CORP.
SDZ6V8AQ KODENSHI-SDZ6V8AQ Datasheet
171Kb / 5P
   ESD Protection Zener Diode
SDZ5V6AWA KODENSHI-SDZ5V6AWA Datasheet
163Kb / 5P
   ESD Protection Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com