Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC12H15A Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # CC12H15A
Description  High I짼t Chip fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CC12H15A Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  CC12H15A Datasheet HTML 1Page - Cooper Bussmann, Inc. CC12H15A Datasheet HTML 2Page - Cooper Bussmann, Inc. CC12H15A Datasheet HTML 3Page - Cooper Bussmann, Inc. CC12H15A Datasheet HTML 4Page - Cooper Bussmann, Inc. CC12H15A Datasheet HTML 5Page - Cooper Bussmann, Inc. CC12H15A Datasheet HTML 6Page - Cooper Bussmann, Inc. CC12H15A Datasheet HTML 7Page - Cooper Bussmann, Inc. CC12H15A Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technical Data
4309
Effective April 2016
CC12H
High I²t Chip fuses
www.eaton.com/elx
Dimensions–mm
Packaging information- mm
Supplied in tape and reel packaging, 3000 parts per 7” diameter reel.


Similar Part No. - CC12H15A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC12H15A COOPER-CC12H15A Datasheet
876Kb / 9P
   Flat panel displays and televisions
logo
Eaton All Rights Reserv...
CC12H15A EATON-CC12H15A Datasheet
551Kb / 8P
   High I짼t Chip fuses
CC12H15A-TR EATON-CC12H15A-TR Datasheet
551Kb / 8P
   High I짼t Chip fuses
More results

Similar Description - CC12H15A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CC12H EATON-CC12H Datasheet
551Kb / 8P
   High I짼t Chip fuses
logo
Cooper Bussmann, Inc.
CC12H COOPER-CC12H Datasheet
303Kb / 2P
   High I2t Chip??Fuses
3216LV COOPER-3216LV Datasheet
113Kb / 2P
   Chip??Fuses
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S_15 Datasheet
227Kb / 2P
   Chip Fuses
S0603H GOOD-ARK-S0603H_15 Datasheet
272Kb / 2P
   Chip Fuses
logo
Cooper Bussmann, Inc.
TR3216FF7-R COOPER-TR3216FF7-R Datasheet
335Kb / 2P
   Chip Fuses
0603FA250-R COOPER-0603FA250-R Datasheet
560Kb / 2P
   Chip??Fuses
logo
Eaton All Rights Reserv...
CC06H EATON-CC06H Datasheet
922Kb / 7P
   High I2t Chip??0603 size fuses
logo
Cooper Bussmann, Inc.
1-5A COOPER-1-5A Datasheet
303Kb / 2P
   High I2t Chip Fuses CC12H Series
CC06H1A COOPER-CC06H1A_14 Datasheet
1,022Kb / 7P
   High I2t Chip??0603 size fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com