Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC12H4.5A Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # CC12H4.5A
Description  High I짼t Chip fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CC12H4.5A Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

  CC12H4.5A Datasheet HTML 1Page - Cooper Bussmann, Inc. CC12H4.5A Datasheet HTML 2Page - Cooper Bussmann, Inc. CC12H4.5A Datasheet HTML 3Page - Cooper Bussmann, Inc. CC12H4.5A Datasheet HTML 4Page - Cooper Bussmann, Inc. CC12H4.5A Datasheet HTML 5Page - Cooper Bussmann, Inc. CC12H4.5A Datasheet HTML 6Page - Cooper Bussmann, Inc. CC12H4.5A Datasheet HTML 7Page - Cooper Bussmann, Inc. CC12H4.5A Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Technical Data
4309
Effective April 2016
CC12H
High I²t Chip fuses
www.eaton.com/elx
Wave solder profile
Reference EN 61760-1:2006
Profile Feature
Standard SnPb Solder
Lead (Pb) Free Solder
Preheat
• Temperature min. (Tsmin)
100°C
100°C
• Temperature typ. (Tstyp)
120°C
120°C
• Temperature max. (Tsmax)
130°C
130°C
• Time (Tsmin to Tsmax) (ts)
70 seconds
70 seconds
D preheat to max Temperature
150°C max.
150°C max.
Peak temperature (TP)*
235°C – 260°C
250°C – 260°C
Time at peak temperature (tp)
10 seconds max
5 seconds max each wave
10 seconds max
5 seconds max each wave
Ramp-down rate
~ 2 K/s min
~3.5 K/s typ
~5 K/s max
~ 2 K/s min
~3.5 K/s typ
~5 K/s max
Time 25°C to 25°C
4 minutes
4 minutes
Manual solder
350°C, 4-5 seconds. (by soldering iron), generally manual, hand soldering is not recommended.
Time
Tsmin
Tsmax
Tstyp
Tp
tp
First Wave
Second Wave
Preheat area
Cool down area


Similar Part No. - CC12H4.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC12H4.5A COOPER-CC12H4.5A Datasheet
303Kb / 2P
   High I2t Chip??Fuses
CC12H4.5A COOPER-CC12H4.5A Datasheet
303Kb / 2P
   High I2t Chip Fuses CC12H Series
CC12H4.5A COOPER-CC12H4.5A Datasheet
876Kb / 9P
   Flat panel displays and televisions
logo
Eaton All Rights Reserv...
CC12H4.5A EATON-CC12H4.5A Datasheet
551Kb / 8P
   High I짼t Chip fuses
More results

Similar Description - CC12H4.5A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CC12H EATON-CC12H Datasheet
551Kb / 8P
   High I짼t Chip fuses
logo
Cooper Bussmann, Inc.
CC12H COOPER-CC12H Datasheet
303Kb / 2P
   High I2t Chip??Fuses
3216LV COOPER-3216LV Datasheet
113Kb / 2P
   Chip??Fuses
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S_15 Datasheet
227Kb / 2P
   Chip Fuses
S0603H GOOD-ARK-S0603H_15 Datasheet
272Kb / 2P
   Chip Fuses
logo
Cooper Bussmann, Inc.
TR3216FF7-R COOPER-TR3216FF7-R Datasheet
335Kb / 2P
   Chip Fuses
0603FA250-R COOPER-0603FA250-R Datasheet
560Kb / 2P
   Chip??Fuses
logo
Eaton All Rights Reserv...
CC06H EATON-CC06H Datasheet
922Kb / 7P
   High I2t Chip??0603 size fuses
logo
Cooper Bussmann, Inc.
1-5A COOPER-1-5A Datasheet
303Kb / 2P
   High I2t Chip Fuses CC12H Series
CC06H1A COOPER-CC06H1A_14 Datasheet
1,022Kb / 7P
   High I2t Chip??0603 size fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com