Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC12H4A Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # CC12H4A
Description  High I짼t Chip fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CC12H4A Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

  CC12H4A Datasheet HTML 1Page - Cooper Bussmann, Inc. CC12H4A Datasheet HTML 2Page - Cooper Bussmann, Inc. CC12H4A Datasheet HTML 3Page - Cooper Bussmann, Inc. CC12H4A Datasheet HTML 4Page - Cooper Bussmann, Inc. CC12H4A Datasheet HTML 5Page - Cooper Bussmann, Inc. CC12H4A Datasheet HTML 6Page - Cooper Bussmann, Inc. CC12H4A Datasheet HTML 7Page - Cooper Bussmann, Inc. CC12H4A Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/elx
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 4309 BU-MC16040
April 2016
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Technical Data
4309
Effective April 2016
CC12H
High I²t Chip fuses
t
tP
ts
TC -5°C
Time 25°C to Peak
Time
25°C
Tsmin
Tsmax
TL
TP
Preheat
A
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
Solder reflow profile
Reference JDEC J-STD-020D
Profile Feature
Standard SnPb Solder
Lead (Pb) Free Solder
Preheat and Soak • Temperature min. (Tsmin)
100°C
150°C
• Temperature max. (Tsmax)
150°C
200°C
• Time (Tsmin to Tsmax) (ts)
60-120 Seconds
60-120 Seconds
Average ramp up rate Tsmax to Tp
3°C/ Second Max.
3°C/ Second Max.
Liquidous temperature (Tl)
Time at liquidous (tL)
183°C
60-150 Seconds
217°C
60-150 Seconds
Peak package body temperature (TP)*
Table 1
Table 2
Time (tp)** within 5 °C of the specified classification temperature (Tc)
20 Seconds**
30 Seconds**
Average ramp-down rate (Tp to Tsmax)
6°C/ Second Max.
6°C/ Second Max.
Time 25°C to Peak Temperature
6 Minutes Max.
8 Minutes Max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Table 1 - Standard SnPb Solder (Tc)
Package
Thickness
Volume
mm3
<350
Volume
mm3
≥350
<2.5mm)
235°C
220°C
≥2.5mm
220°C
220°C
Table 2 - Lead (Pb) Free Solder (Tc)
Package
Thickness
Volume
mm3
<350
Volume
mm3
350 - 2000
Volume
mm3
>2000
<1.6mm
260°C
260°C
260°C
1.6 – 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C


Similar Part No. - CC12H4A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC12H4A COOPER-CC12H4A Datasheet
303Kb / 2P
   High I2t Chip??Fuses
CC12H4A COOPER-CC12H4A Datasheet
303Kb / 2P
   High I2t Chip Fuses CC12H Series
CC12H4A COOPER-CC12H4A Datasheet
876Kb / 9P
   Flat panel displays and televisions
logo
Eaton All Rights Reserv...
CC12H4A EATON-CC12H4A Datasheet
551Kb / 8P
   High I짼t Chip fuses
logo
Cooper Bussmann, Inc.
CC12H4A-TR COOPER-CC12H4A-TR Datasheet
876Kb / 9P
   Flat panel displays and televisions
More results

Similar Description - CC12H4A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CC12H EATON-CC12H Datasheet
551Kb / 8P
   High I짼t Chip fuses
logo
Cooper Bussmann, Inc.
CC12H COOPER-CC12H Datasheet
303Kb / 2P
   High I2t Chip??Fuses
3216LV COOPER-3216LV Datasheet
113Kb / 2P
   Chip??Fuses
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S_15 Datasheet
227Kb / 2P
   Chip Fuses
S0603H GOOD-ARK-S0603H_15 Datasheet
272Kb / 2P
   Chip Fuses
logo
Cooper Bussmann, Inc.
TR3216FF7-R COOPER-TR3216FF7-R Datasheet
335Kb / 2P
   Chip Fuses
0603FA250-R COOPER-0603FA250-R Datasheet
560Kb / 2P
   Chip??Fuses
logo
Eaton All Rights Reserv...
CC06H EATON-CC06H Datasheet
922Kb / 7P
   High I2t Chip??0603 size fuses
logo
Cooper Bussmann, Inc.
1-5A COOPER-1-5A Datasheet
303Kb / 2P
   High I2t Chip Fuses CC12H Series
CC06H1A COOPER-CC06H1A_14 Datasheet
1,022Kb / 7P
   High I2t Chip??0603 size fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com