Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-3-5A10-T Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # PV-3-5A10-T
Description  10x38mm photovoltaic fuses 1000Vdc, 1-30A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-3-5A10-T Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  PV-3-5A10-T Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-3-5A10-T Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-3-5A10-T Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-3-5A10-T Datasheet HTML 4Page - Cooper Bussmann, Inc. PV-3-5A10-T Datasheet HTML 5Page - Cooper Bussmann, Inc. PV-3-5A10-T Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10x38mm photovoltaic fuses — 1000Vdc, 1-30A
Technical Data 10121
Effective July 2016
Eaton and Bussmann are
valuable trademarks of Eaton in the US
and other countries. You are not permitted
to use the Eaton trademarks without prior
written consent of Eaton.
The CCC mark is administered by
the Certification and Accreditation
Administration of the People’s Republic of
China.
CSA is a registered trademark of the
Canadian Standards Group.
IEC is a registered trademark of the
International Electrotechnical Commission.
Sta-Kon is a registered trademark of
Thomas & Betts.
UL is a registered trademark of the
Underwriters Laboratories, Inc
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 10121 — BU-SB14107
July 2016
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible
applications.
Temperature derating curves — 25-30A:
-60
-40
-20
0
20
40
60
-60
-40
-200
20
40
60
80
100120
140
Ambient temperature °C


Similar Part No. - PV-3-5A10-T

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PV-3-5A10-T EATON-PV-3-5A10-T Datasheet
958Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
More results

Similar Description - PV-3-5A10-T

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PV-1A10F EATON-PV-1A10F Datasheet
958Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
List of Unclassifed Man...
PV-1A10F ETC1-PV-1A10F Datasheet
954Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
Cooper Bussmann, Inc.
PVM-10 COOPER-PVM-10 Datasheet
622Kb / 2P
   PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
Littelfuse
FLQ LITTELFUSE-FLQ_V01 Datasheet
780Kb / 5P
   FLQ SERIES MIDGET (10x38mm) FUSES
Rev: 4-B-041217
logo
Cooper Bussmann, Inc.
PV-8A10F COOPER-PV-8A10F Datasheet
228Kb / 2P
   PV Fuse Protects Photovoltaic Panels up to 1000Vdc
DCM-7 COOPER-DCM-7 Datasheet
233Kb / 1P
   Fast-Acting 13??2? x 1 1??? (10x38mm) Midget Fuses, 600Vac/dc, 1??0??0A
KLM-2 COOPER-KLM-2 Datasheet
235Kb / 1P
   Fast-Acting 13??2? x 1 1??? (10x38mm) Midget Fuses, 600Vac/dc, 1??0??0A
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
   FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
logo
Eaton All Rights Reserv...
PVM EATON-PVM Datasheet
715Kb / 2P
   PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
   FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com