Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

844S42BKILFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 844S42BKILFT
Description  Dual Output RF Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844S42BKILFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 844S42BKILFT Datasheet HTML 7Page - Integrated Device Technology 844S42BKILFT Datasheet HTML 8Page - Integrated Device Technology 844S42BKILFT Datasheet HTML 9Page - Integrated Device Technology 844S42BKILFT Datasheet HTML 10Page - Integrated Device Technology 844S42BKILFT Datasheet HTML 11Page - Integrated Device Technology 844S42BKILFT Datasheet HTML 12Page - Integrated Device Technology 844S42BKILFT Datasheet HTML 13Page - Integrated Device Technology 844S42BKILFT Datasheet HTML 14Page - Integrated Device Technology 844S42BKILFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
©2016 Integrated Device Technology, Inc
Revision A April 28, 2016
844S42I Data Sheet
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 4C. LVDS DC Characteristics, VDD = VDDOA = VDDOB = 3.3V ± 5%, TA = -40°C to 85°C
Table 4D. LVPECL DC Characteristics, VDD = VDDOA = VDDOB = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: Outputs termination with 50
to V
DDOx – 2V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2.2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
REF_CLK, nPLOAD,
LEV_SEL, ADR[1:0],
NA[0:2], NB[0:2], M1,
M2, M3, M7, M8,
nBYPASS
VDD = VIN = 3.465V
150
µA
M0, M4, M5, M6, M9,
P, nMR, SDA, SCL,
REF_SEL
VDD = VIN = 3.465V
10
µA
IIL
Input Low Current
REF_CLK, nPLOAD,
LEV_SEL, ADR[1:0],
NA[0:2], NB[0:2], M1,
M2, M3, M7, M8,
nBYPASS
VDD = 3.465V, VIN = 0V
-10
µA
M0, M4, M5, M6, M9,
P, nMR, SDA, SCL,
REF_SEL
VDD = 3.465V, VIN = 0V
-150
µA
VOH
Output High Voltage
LOCK_DT
IOH = -12mA
2.6
V
VOL
Output Low Voltage
LOCK_DT
IOL = 12mA
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
LEV_SEL = 0
300
400
500
V
V
OD
VOD Magnitude Change
LEV_SEL = 0
50
mV
VOS
Offset Voltage
LEV_SEL = 0
1.1
1.2
1.3
V
V
OS
VOS Magnitude Change
LEV_SEL = 0
50
mV
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
LEV_SEL = 1
VDDOx – 1.2
VDDOx – 0.8
V
VOL
Output Low Voltage; NOTE 1
LEV_SEL = 1
VDDOx – 2.0
VDDOx – 1.4
V
VSWING
Peak-to-Peak Output Voltage Swing
LEV_SEL = 1
0.6
1
V


Similar Part No. - 844S42BKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844S012 IDT-844S012 Datasheet
215Kb / 24P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
844S012 RENESAS-844S012 Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
844S012AKILF IDT-844S012AKILF Datasheet
215Kb / 24P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
844S012AKILF RENESAS-844S012AKILF Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
844S012AKILFT IDT-844S012AKILFT Datasheet
215Kb / 24P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
More results

Similar Description - 844S42BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS844S42I RENESAS-ICS844S42I Datasheet
705Kb / 29P
   Dual Output RF Frequency Synthesizer
April 28, 2016
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com