Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

552-02SCMGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 552-02SCMGI8
Description  Low Skew 2-input MUX and 1 to 8 Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

552-02SCMGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  552-02SCMGI8 Datasheet HTML 1Page - Integrated Device Technology 552-02SCMGI8 Datasheet HTML 2Page - Integrated Device Technology 552-02SCMGI8 Datasheet HTML 3Page - Integrated Device Technology 552-02SCMGI8 Datasheet HTML 4Page - Integrated Device Technology 552-02SCMGI8 Datasheet HTML 5Page - Integrated Device Technology 552-02SCMGI8 Datasheet HTML 6Page - Integrated Device Technology 552-02SCMGI8 Datasheet HTML 7Page - Integrated Device Technology 552-02SCMGI8 Datasheet HTML 8Page - Integrated Device Technology 552-02SCMGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
JULY 11, 2016
5
LOW SKEW 2-INPUT MUX AND 1 TO 8 CLOCK BUFFER
552-02S DATASHEET
AC Electrical Characteristics
VDD = 1.8V ±5%, Ambient Temperature -40°C to +105°C, unless stated otherwise
VDD = 2.5V ±5%, Ambient Temperature -40°C to +105°C, unless stated otherwise
VDD = 3.3V ±5%, Ambient Temperature -40°C to +105°C, unless stated otherwise
Notes:
1. With rail-to-rail input clock.
2. Between any two outputs with equal loading.
3. Propagation delay matching through the part.
4. Duty cycle on outputs will match incoming clock duty cycle. Consult IDT for tight duty cycle clock generators.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.36 to 1.44 V, CL=5 pF
1
1.5
ns
Output Fall Time
tOF
1.44 to 0.36 V, CL=5 pF
1
1.5
ns
Start-up Time
tSTART-UP
Part start-up time for valid outputs after VDD
ramp-up
2ms
Propagation Delay
Note 1
135MHz
2
2.5
3
ns
Buffer Additive Phase Jitter, RMS
125MHz, Integration Range: 12KHz-20MHz
50
65
ps
Output to output skew
Note 2
Rising edges at VDD/2
0
65
ps
Input A to Input B skew
Note 3
0
50
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.5 to 2.0 V, CL=5 pF
0.6
1.0
ns
Output Fall Time
tOF
2.0 to 0.5 V, CL=5 pF
0.6
1.0
ns
Start-up Time
tSTART-UP
Part start-up time for valid outputs after VDD
ramp-up
2ms
Propagation Delay
Note 1
135MHz
2
2.7
3.5
ns
Buffer Additive Phase Jitter, RMS
125MHz, Integration Range: 12KHz-20MHz
50
65
ps
Output to output skew
Note 2
Rising edges at VDD/2
0
65
ps
Input A to Input B skew
Note 3
0
50
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.66 to 2.64 V, CL=5 pF
0.6
1.0
ns
Output Fall Time
tOF
2.64 to 0.66 V, CL=5 pF
0.6
1.0
ns
Start-up Time
tSTART-UP
Part start-up time for valid outputs after VDD
ramp-up
2ms
Propagation Delay
Note 1
135MHz
2
2.5
3
ns
Buffer Additive Phase Jitter, RMS
125MHz, Integration Range: 12KHz-20MHz
50
65
ps
Output to output skew
Note 2
Rising edges at VDD/2
0
65
ps
Input A to Input B skew
Note 3
0
50
ps


Similar Part No. - 552-02SCMGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
552-02SCMGI8 IDT-552-02SCMGI8 Datasheet
377Kb / 12P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
552-02SCMGI8 RENESAS-552-02SCMGI8 Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
More results

Similar Description - 552-02SCMGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS552G-02I IDT-ICS552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552-02S IDT-552-02S_17 Datasheet
377Kb / 12P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
ICS552-02 RENESAS-ICS552-02 Datasheet
262Kb / 8P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
logo
Integrated Circuit Syst...
ICS552-02 ICST-ICS552-02 Datasheet
96Kb / 6P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
ICS552-02 IDT-ICS552-02 Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
logo
Renesas Technology Corp
IDT5P30017 RENESAS-IDT5P30017 Datasheet
260Kb / 9P
   Low Skew 1 to 2 Clock Buffer
2019
74FCT38072S RENESAS-74FCT38072S Datasheet
534Kb / 9P
   Low Skew 1 to 2 Clock Buffer
FEBRUARY 3, 2023
logo
Silicon Laboratories
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
   1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com