Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK2108A Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # IK2108A
Description  LED Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK2108A Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button IK2108A Datasheet HTML 4Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 5Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 6Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 7Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 8Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 9Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 10Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 11Page - IK Semicon Co., Ltd IK2108A Datasheet HTML 12Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IK2108A
8
May 2012, Ver. 03
KEY MATRIX & KEY INPUT DATA STORAGE RAM
Key Matrix consists of 10 x 3 array as shown below:
K1
K2
K3
SG1/
KS1
SG2/
KS2
SG3/
KS3
SG4/
KS4
SG5/
KS5
SG6/
KS6
SG7/
KS7
SG8/
KS8
SG9/
KS9
SG10/
KS10
Each data entered by each key (or any combination of keys) is stored as follows and read by a READ
Command, starting from the last significant bit. When the most significant bit of the data (b0) has been
read, the least significant bit of the next data (b7) is read.
K1
K2
K3
K1
K2
K3
SG1/KS1
SG2/KS2
x
1’st byte read
SG3/KS3
SG4/KS4
x
2’nd byte read
SG5/KS5
SG6/KS6
x
3’rd byte read
SG7/KS7
SG8/KS8
x
4’th byte read
SG9/KS9
SG10/KS10
x
5’th byte read
b0
b1
b2
b3
b4
b5
b6
b7
Key press=”1”, Key no press=”0” read.


Similar Part No. - IK2108A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
   Serial Interface
More results

Similar Description - IK2108A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com