Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P83905CMGK8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 5P83905CMGK8
Description  High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P83905CMGK8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 5P83905CMGK8 Datasheet HTML 2Page - Integrated Device Technology 5P83905CMGK8 Datasheet HTML 3Page - Integrated Device Technology 5P83905CMGK8 Datasheet HTML 4Page - Integrated Device Technology 5P83905CMGK8 Datasheet HTML 5Page - Integrated Device Technology 5P83905CMGK8 Datasheet HTML 6Page - Integrated Device Technology 5P83905CMGK8 Datasheet HTML 7Page - Integrated Device Technology 5P83905CMGK8 Datasheet HTML 8Page - Integrated Device Technology 5P83905CMGK8 Datasheet HTML 9Page - Integrated Device Technology 5P83905CMGK8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
HIGH-PERFORMANCE 1.8V/2.5V/3.3V CRYSTAL INPUT TO LVCMOS CLOCK FANOUT BUFFER WITH OE
6
OCTOBER 5, 2016
5P8390x DATASHEET
VDD=2.5 V ±5%, Ambient temperature -40° to +105°C, unless stated otherwise
VDD=3.3 V ±5% , Ambient temperature -40° to +105°C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input High Voltage
VIH
XTAL_IN, ENABLE1/2 pins
0.7xVDD
V
Input Low Voltage
VIL
XTAL_IN, ENABLE1/2 pins
0.3xVDD
V
Output High Voltage
VOH
IOH = -4 mA
2.31
2.58
V
Output Low Voltage
VOL
IOL = 4 mA
0.03
0.05
V
Nominal Output Impedance
ZO
14
Operating Supply Current
5P83904
IDD
Outputs On, 25MHz with No Load
10.6
mA
5P83905
Outputs On, 25MHz with No Load
10.7
5P83908
Outputs On, 25MHz with No Load
10.8
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input High Voltage, CLKIN
VIH
XTAL_IN, ENABLE1/2 pins
0.7xVDD
V
Input Low Voltage, CLKIN
VIL
XTAL_IN, ENABLE1/2 pins
0.3xVDD
V
Output High Voltage
VOH
IOH = -4 mA
3.09
3.43
V
Output Low Voltage
VOL
IOL = 4 mA
0.03
0.04
V
Nominal Output Impedance
ZO
14
Operating Supply Current
5P83904
IDD
Outputs On, 25MHz with No Load
12.1
mA
5P83905
Outputs On, 25MHz with No Load
12.2
5P83908
Outputs On, 25MHz with No Load
12.3


Similar Part No. - 5P83905CMGK8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P83905CMGK8 RENESAS-5P83905CMGK8 Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
More results

Similar Description - 5P83905CMGK8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
   1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com