Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PB1106PGGI8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 5PB1106PGGI8
Description  1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5PB1106PGGI8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 5PB1106PGGI8 Datasheet HTML 2Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 3Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 4Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 5Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 6Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 7Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 8Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 9Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1.8V TO 3.3V LVCMOS HIGH PERFORMANCE CLOCK BUFFER FAMILY
6
MAY 13, 2016
5PB11xx DATASHEET
AC Electrical Characteristics
(VDD = 1.8V, 2.5V, 3.3V)
VDD = 1.8V ±5%, Ambient Temperature -40° to +105°C, unless stated otherwise
VDD = 2.5 V ±5%, Ambient Temperature -40° to +105°C, unless stated otherwise
VDD = 3.3 V ±5%, Ambient Temperature -40° to +105°C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Input Frequency
0200
MHz
Output Rise Time (2 pF load)
tOR
0.36V to 1.44V, CL=2 pF
0.5
0.75
ns
Output Fall Time (2 pF load)
tOF
1.44V to 0.36V, CL=2 pF
0.5
0.75
ns
Output Rise Time (5 pF load)
tOR
0.36V to 1.44V, CL=5 pF
0.8
1.0
ns
Output Fall Time (5 pF load)
tOF
1.44V to 0.36V, CL=5 pF
0.8
1.0
ns
Start-up Time
tSTART-UP Part start-up time for valid outputs after VDD ramp-up
3
ms
Propagation Delay
Note 1
1.9
2.2
ns
Buffer Additive Phase Jitter, RMS
156.25MHz, Integration Range: 12kHz-20MHz
0.05
ps
Output to Output Skew (5PB1102/04/06)
Rising edges at VDD/2, Note 2
35
50
ps
Output to Output Skew (5PB1108/10)
Rising edges at VDD/2, Note 2
45
65
ps
Device to Device Skew
Rising edges at VDD/2
200
ps
Output Enable Time
tEN
CL < 5 pF
3
cycles
Output Disable Time
tDIS
CL < 5 pF
3
cycles
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Input Frequency
0200
MHz
Output Rise Time (2 pF load)
tOR
0.5V to 2.0V, CL=2 pF
0.4
0.7
ns
Output Fall Time (2 pF load)
tOF
2.0V to 0.5V, CL=2 pF
0.4
0.7
ns
Output Rise Time (5 pF load)
tOR
0.5V to 2.0V, CL=5 pF
0.75
1.0
ns
Output Fall Time (5 pF load)
tOF
2.0V to 0.5V, CL=5 pF
0.75
1.0
ns
Start-up Time
tSTART-UP Part start-up time for valid outputs after VDD ramp-up
3
ms
Propagation Delay
Note 1
2.4
2.9
ns
Buffer Additive Phase Jitter, RMS
156.25MHz, Integration Range: 12kHz-20MHz
0.05
ps
Output to Output Skew (5PB1102/04/06)
Rising edges at VDD/2, Note 2
35
50
ps
Output to Output Skew (5PB1108/10)
Rising edges at VDD/2, Note 2
45
65
ps
Device to Device Skew
Rising edges at VDD/2
200
ps
Output Enable Time
tEN
CL < 5 pF
3
cycles
Output Disable Time
tDIS
CL < 5 pF
3
cycles
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Input Frequency
0200
MHz
Output Rise Time (2 pF load)
tOR
0.66V to 2.64V, CL=2 pF
0.45
0.6
ns
Output Fall Time (2 pF load)
tOF
2.64V to 0.66V, CL=2 pF
0.45
0.6
ns
Output Rise Time (5 pF load)
tOR
0.66V to 2.64V, CL= 5pF
0.7
1.0
ns
Output Fall Time (5 pF load)
tOF
2.64V to 0.66V, CL=5 pF
0.7
1.0
ns
Start-up Time
tSTART-UP Part start-up time for valid outputs after VDD ramp-up
3
ms
Propagation Delay
Note 1
2
2.4
ns
Buffer Additive Phase Jitter, RMS
156.25MHz, Integration Range: 12kHz-20MHz
0.05
ps
Output to Output Skew (5PB1102/04/06)
Rising edges at VDD/2, Note 2
35
50
ps


Similar Part No. - 5PB1106PGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1106PGGI8 IDT-5PB1106PGGI8 Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Renesas Technology Corp
5PB1106PGGI8 RENESAS-5PB1106PGGI8 Datasheet
1Mb / 35P
   High-performance 1:2, 1:4, 1:6, 1:8, 1:10 LVCMOS clock buffer
More results

Similar Description - 5PB1106PGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB12XX IDT-5PB12XX Datasheet
316Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com