Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PB1213NTGK8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5PB1213NTGK8
Description  3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5PB1213NTGK8 Datasheet(HTML) 1 Page - Integrated Device Technology

  5PB1213NTGK8 Datasheet HTML 1Page - Integrated Device Technology 5PB1213NTGK8 Datasheet HTML 2Page - Integrated Device Technology 5PB1213NTGK8 Datasheet HTML 3Page - Integrated Device Technology 5PB1213NTGK8 Datasheet HTML 4Page - Integrated Device Technology 5PB1213NTGK8 Datasheet HTML 5Page - Integrated Device Technology 5PB1213NTGK8 Datasheet HTML 6Page - Integrated Device Technology 5PB1213NTGK8 Datasheet HTML 7Page - Integrated Device Technology 5PB1213NTGK8 Datasheet HTML 8Page - Integrated Device Technology 5PB1213NTGK8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
5PB12xx JULY 11, 2016
1
©2015 Integrated Device Technology, Inc.
3-Channel High-Performance TCXO/LVCMOS
Clock Buffer Family
5PB12xx
Description
The 5PB12xx is a high-performance TCXO/LVCMOS clock
fanout buffer family with individual OE pin for each output.
The CLKIN pin can accept either a square wave (LVCMOS)
or clipped sine wave (such as TCXO clipped sine wave
output) as input.
There are 3 different fan-out versions available: 1:3, 1:4 and
1:6.
The 5PB12xx has industry-leading low jitter and extremely
low current consumption, making it ideal for smart mobile
devices.
Applications
Smart Mobile Handsets
RF and baseband peripheral clock distribution
Automotive
Features
Extremely low operating and standby current consumption
Low RMS Additive Phase jitter
Family supports 1.8V to 3.3V power supply voltage:
For 1.8V supply: 5PB1203, 5PB1204, 5PB1206
For 2.5V / 3.3V supply: 5PB1213, 5PB1214, 5PB1216
Three, four, and six outputs with individual Output Enable
pin
One input
OE_OSC control pin to enable/disable reference TCXO/XO
Small 10-pin, 16-pin and 20-pin packages available
Industrial -40º to +105ºC temperature range
Block Diagram
CLKOUT1
CLKIN
CLKOUT2
CLKOUT6
Control
Logic
OE1
OE2
OE6
OE_OSC


Similar Part No. - 5PB1213NTGK8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1213NTGK8 IDT-5PB1213NTGK8 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
More results

Similar Description - 5PB1213NTGK8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Texas Instruments
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK01000 TI1-LMK01000 Datasheet
410Kb / 24P
[Old version datasheet]   LMK01000 Family LMK01000 Family 1.6 GHz High Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com