Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P83904CMGK8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 5P83904CMGK8
Description  High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P83904CMGK8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 5P83904CMGK8 Datasheet HTML 5Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 6Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 7Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 8Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 9Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 10Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 11Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 12Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OCTOBER 5, 2016
9
HIGH-PERFORMANCE 1.8V/2.5V/3.3V CRYSTAL INPUT TO LVCMOS CLOCK FANOUT BUFFER WITH OE
5P8390x DATASHEET
Test Load and Circuit
Marking Diagrams
Notes:
1. “
**” is the lot sequence.
2. “XXX” denotes the last three characters of the Asm lot (20-pin QFN only).
3. “YYWW”, “YWW”, “YW”, or “Y” is the last digit(s) of the year and week that the part was assembled.
4. “$” denotes the mark code.
5. “LOT” denotes lot number.
6. “G” after the two-letter package code denotes RoHS compliant package.
7. “I” denotes extended temperature range device.
8. Bottom marking: country of origin (TSSOP only).
5 inches
CL = 5pF
50ohms
IDT5P839
04PGGK
YYWW$
16-pin TSSOP
LOT
905K
Y**
16-pin QFN
904K
Y**
16-pin QFN
IDT5P839
05PGGK
YYWW$
16-pin TSSOP
LOT
XXX
YWW$
908K
20-pin QFN
IDT5P839
08PGGK
YYWW$
20-pin TSSOP
LOT


Similar Part No. - 5P83904CMGK8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P83904CMGK8 RENESAS-5P83904CMGK8 Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
More results

Similar Description - 5P83904CMGK8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
   1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com