Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PB1203NTGK Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 5PB1203NTGK
Description  3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5PB1203NTGK Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 5PB1203NTGK Datasheet HTML 2Page - Integrated Device Technology 5PB1203NTGK Datasheet HTML 3Page - Integrated Device Technology 5PB1203NTGK Datasheet HTML 4Page - Integrated Device Technology 5PB1203NTGK Datasheet HTML 5Page - Integrated Device Technology 5PB1203NTGK Datasheet HTML 6Page - Integrated Device Technology 5PB1203NTGK Datasheet HTML 7Page - Integrated Device Technology 5PB1203NTGK Datasheet HTML 8Page - Integrated Device Technology 5PB1203NTGK Datasheet HTML 9Page - Integrated Device Technology 5PB1203NTGK Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
3-CHANNEL HIGH-PERFORMANCE TCXO/LVCMOS CLOCK BUFFER FAMILY
6
JULY 11, 2016
5PB12xx DATASHEET
AC Electrical Characteristics
(VDD = 1.8V, 2.5V, 3.3V)
VDD = 1.8V ±5%, For 5PB1203 / 1204 / 1206, ambient Temperature -40° to +105°C, unless stated otherwise
VDD = 2.5 V ±5%, For 5PB1213 / 1214 / 1216, ambient Temperature -40° to +105°C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.36 to 1.44 V, CL=5 pF
0.6
1.0
ns
Output Fall Time
tOF
1.44 to 0.36 V, CL=5 pF
0.6
1.0
ns
Propagation Delay
Note 1
Note 1
2.5
3
3.5
ns
Buffer Additive Phase Jitter, RMS
26MHz TCXO clipped sine wave input,
Integration Range: 12KHz to 20MHz
420
fs
125MHz LVCMOS input,
Integration Range: 12KHz to 20MHz
42
fs
Output to Output Skew
tSKEWO−O Note 2, Rising edges at VDD/2
50
65
ps
Device to Device Skew
tSKEWD-D
Rising edges at VDD/2
200
ps
Delay for Output Enable / Disable
Time ENABLEx to BCLKn
tEN/tDIS
CL < 5 pF
3
cycles
Start-up Time
tSTART-UP
2ms
TCXO Clock Clipped Sine Wave
Input Voltage Swing Level
VINpp
VDD = 1.8V, should connect to CLKIN
through AC coupling and bias circuit
0.8
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.5 to 2.0 V, CL=5 pF
0.6
1.0
ns
Output Fall Time
tOF
2.0 to 0.5 V, CL=5 pF
0.6
1.0
ns
Propagation Delay
Note 1
Note 1
3
3.5
4
ns
Buffer Additive Phase Jitter, RMS
26MHz TCXO clipped sine wave input,
Integration Range: 12KHz to 20MHz
280
fs
125MHz LVCMOS input,
Integration Range: 12KHz to 20MHz
30
fs
Output to Output Skew
tSKEWO−O Note 2, Rising edges at VDD/2
40
65
ps
Device to Device Skew
tSKEWD-D
Rising edges at VDD/2
200
ps
Delay for Output Enable / Disable
Time ENABLEx to BCLKn
tEN/tDIS
CL < 5 pF
3
cycles
Start-up Time
tSTART-UP Part start-up time for valid outputs after
VDD ramp-up
2ms
TCXO Clock Clipped Sine Wave
Input Voltage Swing Level
VINpp
VDD = 2.5V, should connect to CLKIN
through AC coupling and bias circuit
0.8
V


Similar Part No. - 5PB1203NTGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1203NTGK IDT-5PB1203NTGK Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB1203NTGK8 IDT-5PB1203NTGK8 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
More results

Similar Description - 5PB1203NTGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Texas Instruments
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK01000 TI1-LMK01000 Datasheet
410Kb / 24P
[Old version datasheet]   LMK01000 Family LMK01000 Family 1.6 GHz High Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com