Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P83904CMGK Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 5P83904CMGK
Description  High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P83904CMGK Datasheet(HTML) 4 Page - Integrated Device Technology

  5P83904CMGK Datasheet HTML 1Page - Integrated Device Technology 5P83904CMGK Datasheet HTML 2Page - Integrated Device Technology 5P83904CMGK Datasheet HTML 3Page - Integrated Device Technology 5P83904CMGK Datasheet HTML 4Page - Integrated Device Technology 5P83904CMGK Datasheet HTML 5Page - Integrated Device Technology 5P83904CMGK Datasheet HTML 6Page - Integrated Device Technology 5P83904CMGK Datasheet HTML 7Page - Integrated Device Technology 5P83904CMGK Datasheet HTML 8Page - Integrated Device Technology 5P83904CMGK Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HIGH-PERFORMANCE 1.8V/2.5V/3.3V CRYSTAL INPUT TO LVCMOS CLOCK FANOUT BUFFER WITH OE
4
OCTOBER 5, 2016
5P8390x DATASHEET
Pin Descriptions
Output Enable Function Table
5P83904
5P83905
5P83908
XTAL_IN
16
16
20
Input
Oscillator Input from Crystal.
XTAL_OUT
1
1
1
Input
Oscillator Output to drive Crystal.
VDD
9
9
2, 11
Power
Positive power supply for core.
VDDO
5, 13
5, 13
7, 16
Power
Positive power supply for outputs.
GND
3, 7, 11
3, 7, 11
5, 9, 13, 19
Power
Power supply ground.
ENABLE1
15
15
18
Input
Output Enable pin. Please see below Output Enable
Function Table. Active High. Internal pull-up.
ENABLE2
2
2
3
Input
Output Enable pin. Please see below Output Enable
Function Table. Active High. Internal pull-up.
CLK0
4
4
4
Output
LVCMOS Clock Output 0. Voltage set by VDDO.
CLK1
8
6
6
Output
LVCMOS Clock Output 1. Voltage set by VDDO.
CLK2
12
8
8
Output
LVCMOS Clock Output 2. Voltage set by VDDO.
CLK3
14
10
10
Output
LVCMOS Clock Output 3. Voltage set by VDDO.
CLK4
12
12
Output
LVCMOS Clock Output 4. Voltage set by VDDO.
CLK5
14
14
Output
LVCMOS Clock Output 5. Voltage set by VDDO.
CLK6
15
Output
LVCMOS Clock Output 6. Voltage set by VDDO.
CLK7
17
Output
LVCMOS Clock Output 7. Voltage set by VDDO.
NC
6, 10
NC
No connect.
Pin Name
Pin Number
Pin Type
Pin Description
ENABLE1
ENABLE2
5P83904 CLK0-2 5P83905 CLK0-4 5P83908 CLK0-6 5P83904 CLK3 5P83905 CLK5 5P83908 CLK7
0
0
Low
Low
Low
Low
Low
Low
0
1
Low
Low
Low
Active
Active
Active
1
0
Active
Active
Active
Low
Low
Low
1(default)
1(default)
Active
Active
Active
Active
Active
Active


Similar Part No. - 5P83904CMGK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P83904CMGK RENESAS-5P83904CMGK Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
5P83904CMGK8 RENESAS-5P83904CMGK8 Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
More results

Similar Description - 5P83904CMGK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
   1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com