Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PB12XX Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 5PB12XX
Description  3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5PB12XX Datasheet(HTML) 2 Page - Integrated Device Technology

  5PB12XX Datasheet HTML 1Page - Integrated Device Technology 5PB12XX Datasheet HTML 2Page - Integrated Device Technology 5PB12XX Datasheet HTML 3Page - Integrated Device Technology 5PB12XX Datasheet HTML 4Page - Integrated Device Technology 5PB12XX Datasheet HTML 5Page - Integrated Device Technology 5PB12XX Datasheet HTML 6Page - Integrated Device Technology 5PB12XX Datasheet HTML 7Page - Integrated Device Technology 5PB12XX Datasheet HTML 8Page - Integrated Device Technology 5PB12XX Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
3-CHANNEL HIGH-PERFORMANCE TCXO/LVCMOS CLOCK BUFFER FAMILY
2
JULY 11, 2016
5PB12xx DATASHEET
Pin Assignments
Pin Descriptions
1
2
3
4
5
6
7
8
9
10
5PB1203 / 5PB1213
10-pin 2mm x 2mm DFN
GND
VDD
CLKIN
OE_OSC
OE3
OE1
OE2
CLKOUT3
CLKOUT2
CLKOUT1
 
5PB1204 / 5PB1214
16-pin, 2.5mm x 2.5mm VFQFPN
8XXXXXX
OE3
GND
VDD
OE2
2
3
4
1
12
11
10
9
16
15
14
13
GND
CLKOUT3
CLKOUT2
VDD
5
678
 
5PB1206 / 5PB1216
20-pin, 3mm x 3mm VFQFPN
CLKOUT5
GND
CLKOUT4
CLKOUT3
VDD
67
8
9
10
20
19
18
17
16
OE6
GND
VDD
OE3
OE2
2
3
4
5
115
14
13
12
11
5PB1203
5PB1213
5PB1204
5PB1214
5PB1206
5PB1216
VDD
2
2, 7, 12
3, 9, 15
Power
Connect 1.8V to 5PB1203/5PB1204/5PB1206.
Connect 2.5V or 3.3V to 5PB1213/5PB1214/5PB1216.
GND
1
3, 9, 14
4, 12, 18
Power
Power supply ground.
CLKIN
3
15
20
Input
Reference input pin. Connect to LVCMOS input or TCXO.
OE_OSC
4
6
8
Output
Input Crystal Oscillator enable pin. Follow Enable Function Truth Table.
If all OE pins are low then OE_OSC is low. Otherwise OE_OSC is high,
enabling reference crystal oscillator.
OE1
6
16
19
Input
Output Enable pin for CLKOUT1. Active High. Internal 120kΩ pull-down.
OE2
7
1
1
Input
Output Enable pin for CLKOUT2. Active High. Internal 120kΩ pull-down.
OE3
5
4
2
Input
Output Enable pin for CLKOUT3. Active High. Internal 120kΩ pull-down.
OE4
5
6
Input
Output Enable pin for CLKOUT4. Active High. Internal 120kΩ pull-down.
OE5
7
Input
Output Enable pin for CLKOUT5. Active High. Internal 120kΩ pull-down.
OE6
5
Input
Output Enable pin for CLKOUT6. Active High. Internal 120kΩ pull-down.
CLKOUT1
8
13
17
Output
Clock Output 1. Same frequency as CLKIN.
CLKOUT2
9
11
16
Output
Clock Output 2. Same frequency as CLKIN.
CLKOUT3
10
10
14
Output
Clock Output 3. Same frequency as CLKIN.
CLKOUT4
8
13
Output
Clock Output 4. Same frequency as CLKIN.
CLKOUT5
11
Output
Clock Output 5. Same frequency as CLKIN.
CLKOUT6
10
Output
Clock Output 6. Same frequency as CLKIN.
Pin Name
Pin Number
Pin Type
Pin Description


Similar Part No. - 5PB12XX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
More results

Similar Description - 5PB12XX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Texas Instruments
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK01000 TI1-LMK01000 Datasheet
410Kb / 24P
[Old version datasheet]   LMK01000 Family LMK01000 Family 1.6 GHz High Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com