Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF550 Datasheet(PDF) 3 Page - DIYI Electronic Technology Co., Ltd.

Part # SF550
Description  ULTRAFAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SF550 Datasheet(HTML) 3 Page - DIYI Electronic Technology Co., Ltd.

  SF550 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SF550 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SF550 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SF510~SF560
Important Notice and Disclaimer
Reproducing and modifying information of the document is prohibited without permission
from DIYI.
DIYI reserves the right to make changes to this document and its products and
specifications at any time without notice. Customers should obtain and confirm the
latest product information and specifications before final design, purchase or use.
DIYI disclaims any and all liability arising out of the application or use of
any product including damages incidentally and consequentially occurred.
DIYI does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merchantability.
Applications shown on the herein document are examples of standard use and
operation. Customers are responsible in comprehending the suitable use in particular
applications.
DIYI makes no representation or warranty that such applications will be suitable for the
specified use without further testing or modification.
The products shown herein are not designed and authorized for equipmentsrequiring high
level of reliability or relating to human life and for any applications concerning life-saving
or life-sustaining, such as medical instruments, transportation equipment, aerospace
machinery et cetera. Customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify DIYI for any damages resulting from such
improper use or sale.
Since DIYI uses lot number as the tracking base, please provide the lot number for tracking
when complaining.
PAGE . 3
May.28,2015-REV.01
www.
dyelec.com


Similar Part No. - SF550

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF550 ZSELEC-SF550 Datasheet
97Kb / 2P
   .0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
SF5501 ETC-SF5501 Datasheet
117Kb / 2P
   401.65 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5501 VANLONG-SF5501 Datasheet
123Kb / 2P
   401.65 MHz SAW Filter
SF5502 VANLONG-SF5502 Datasheet
53Kb / 2P
   406.025 MHz SAW Filter
SF5503 VANLONG-SF5503 Datasheet
162Kb / 2P
   418.00 MHz SAW Filter
More results

Similar Description - SF550

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB1610CT DYELEC-MURB1610CT Datasheet
801Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
MURB2010CT DYELEC-MURB2010CT Datasheet
943Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com