Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMD15N10-TU Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # DMD15N10-TU
Description  100V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMD15N10-TU Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  DMD15N10-TU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMD15N10-TU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMD15N10-TU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMD15N10-TU Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMD15N10-TU Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMD15N10-TU Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMD15N10-TU Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMD15N10-TU Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 / 8
15N10
100V N-Channel Power MOSFET
May.2015-REV.00
www.dyelec.com
ELECTRICAL CHARACTERISTICS (Tj = 25℃ unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
100
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
1.0
-
2.5
V
VDS= VGS , ID=250uA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current
IDSS
-
-
1.0
uA
VDS=80V, VGS=0
-
-
110
VGS=10V, ID=8A
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
120
mΩ
VGS=4.5V, ID=8A
Total Gate Charge
2
Qg
26.2
Gate-Source Charge
Qgs
4.6
Gate-Drain (“Miller”) Change
Qgd
5.1
nC
ID=10A
VDS=80V
VGS=10V
Turn-on Delay Time
2
Td(on)
-
4.2
-
Rise Time
Tr
-
8.2
-
Turn-off Delay Time
Td(off)
-
35.6
-
Fall Time
Tf
-
9.6
-
ns
VDS=50V
ID=10A
VGS=10V
RG=3.3Ω
Input Capacitance
Ciss
-
1535
-
Output Capacitance
Coss
-
60
-
Reverse Transfer Capacitance
Crss
-
37
-
pF
VGS=0V
VDS=15V
f=1.0MHz
Gate Resistance
Rg
-
2
-
Ω
f=1.0MHz
Guaranteed Avalanche Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Single Pulse Avalanche Energy
5
EAS
1.25
-
-
mJ
VDD=25V, L=0.1mH, IAS=5A
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Continuous Source Current
1,6
IS
-
-
15
A
Pulsed Source Current
2,6
ISM
-
-
24
A
VG=VD=0V, Force Current
Forward On Voltage
2
VSD
-
-
1.2
V
VGS=0V, IS=8A , TJ=25℃
Reverse Recovery Time
trr
-
37
-
ns
Reverse Recovery Charge
Qrr
-
27.3
-
nC
IF=10A, dI/dt=100A/µs,
TJ=25℃
Notes:
1. The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper, ≦10sec, 125℃/W at steady state.
2. The data tested by pulsed, pulse width ≦ 300us, duty cycle ≦ 2%.
3. The EAS data shows Max. rating. The test condition is VDD=25V, VGS=10V, L=0.1mH, IAS=11A.
4. The power dissipation is limited by 150℃ junction temperature.
5. The Min. value is 100% EAS tested guarantee.
6. The data is theoretically the same as ID and IDM, in real applications, should be limited by total power dissipation.


Similar Part No. - DMD15N10-TU

ManufacturerPart #DatasheetDescription
logo
Seme LAB
DMD1006 SEME-LAB-DMD1006 Datasheet
95Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1006-A SEME-LAB-DMD1006-A Datasheet
95Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1009 SEME-LAB-DMD1009 Datasheet
89Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1009-A SEME-LAB-DMD1009-A Datasheet
89Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1010 SEME-LAB-DMD1010 Datasheet
87Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
More results

Similar Description - DMD15N10-TU

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
   100V N-Channel Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
   100V N-Channel Power MOSFET
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
   100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
   100V N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
   100V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10_14 Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
logo
Shenzhen Foster Semicon...
FIR170N10PG FOSTER-FIR170N10PG Datasheet
3Mb / 4P
   100V N-Channel Power Mosfet
logo
Unisonic Technologies
UF540 UTC-UF540 Datasheet
156Kb / 3P
   27A, 100V N-CHANNEL POWER MOSFET
UF3710 UTC-UF3710 Datasheet
239Kb / 6P
   57A, 100V N-CHANNEL POWER MOSFET
UTT6N10Z UTC-UTT6N10Z Datasheet
168Kb / 3P
   100V, 6A N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com