Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR40L150CK Datasheet(PDF) 5 Page - DIYI Electronic Technology Co., Ltd.

Part # SBR40L150CK
Description  40A LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBR40L150CK Datasheet(HTML) 5 Page - DIYI Electronic Technology Co., Ltd.

  SBR40L150CK Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBR40L150CK Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBR40L150CK Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBR40L150CK Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SBR40L150CK Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Important Notice and Disclaimer
Reproducing and modifying information of the document is prohibited without permission
from DIYI.
DIYI reserves the right to make changes to this document and its products and
specifications at any time without notice. Customers should obtain and confirm the
latest product information and specifications before final design, purchase or use.
DIYI disclaims any and all liability arising out of the application or use of
any product including damages incidentally and consequentially occurred.
DIYI does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merchantability.
Applications shown on the herein document are examples of standard use and
operation. Customers are responsible in comprehending the suitable use in particular
applications.
DIYI makes no representation or warranty that such applications will be suitable for the
specified use without further testing or modification.
The products shown herein are not designed and authorized for equipmentsrequiring high
level of reliability or relating to human life and for any applications concerning life-saving
or life-sustaining, such as medical instruments, transportation equipment, aerospace
machinery et cetera. Customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify DIYI for any damages resulting from such
improper use or sale.
Since DIYI uses lot number as the tracking base, please provide the lot number for tracking
when complaining.
5 / 5
Sep.2015-REV.00
www.dyelec.com
SBR40L150CT
SBR40L150FCT
SBR40L150CK
SBR40L150CG


Similar Part No. - SBR40L150CK

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR40100 SECOS-SBR40100 Datasheet
158Kb / 2P
   VOLTAGE 100 V 40.0 Amp Schottky Barrier Rectifiers
SBR40100 SECOS-SBR40100 Datasheet
68Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR40100CT DIODES-SBR40100CT Datasheet
179Kb / 3P
   40A SBR Super Barrier Rectifier
SBR40100 Rev. 2
SBR40100CTFP DIODES-SBR40100CTFP Datasheet
179Kb / 3P
   40A SBR Super Barrier Rectifier
SBR40100 Rev. 2
logo
List of Unclassifed Man...
SBR40100PT ETC1-SBR40100PT Datasheet
79Kb / 2P
   Super barrier rectifier
More results

Similar Description - SBR40L150CK

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBT40L120CT DYELEC-SBT40L120CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V40CT DYELEC-SBP40V40CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V45CT DYELEC-SBP40V45CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBT40L100CT DYELEC-SBT40L100CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V60CT DYELEC-SBP40V60CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBT40L200CT DYELEC-SBT40L200CT Datasheet
3Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
   120V, 40A Low VF Trench Barrier Schottky Rectifier
SBL40U60 SECOS-SBL40U60 Datasheet
143Kb / 2P
   60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
SBL40U60F SECOS-SBL40U60F Datasheet
159Kb / 2P
   60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com