Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMF8N60-TU Datasheet(PDF) 6 Page - DIYI Electronic Technology Co., Ltd.

Part # DMF8N60-TU
Description  600V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMF8N60-TU Datasheet(HTML) 6 Page - DIYI Electronic Technology Co., Ltd.

  DMF8N60-TU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMF8N60-TU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMF8N60-TU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMF8N60-TU Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMF8N60-TU Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMF8N60-TU Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMF8N60-TU Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMF8N60-TU Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. DMF8N60-TU Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPICAL CHARACTERISTICS
600V N-Channel Power MOSFET
8N60
6 / 9
May.2015-REV.00
www.dyelec.com
-100
Junction Temperature, TJ (°C)
-50
50
200
100
150
1.2
0
1.1
1.0
0.9
0.8
Note:
1.. GS=0V
2.. D=250µA
Breakdown Voltage Variation vs.
Temperature
-100
Junction Temperature, TJ (°C)
-50
50
200
100
150
3.0
0
2.0
1.0
0.5
0.0
1.5
2.5
On-Resistance Junction Temperature
Note:
1.. GS=10V
2.. D=4A
10
1
0.1
Drain-Source Voltage, VDS (V)
100
10
1
100µs
1000
10ms
DC
Maximum Safe Operating Area
Case Temperature, TC (°C)
75
100
0
125
50
25
2
4
6
8
10
Maximum Drain Current vs. Case
Temperature
Notes:
1. TJ=25°C
2.. J=150°C
3. Singlee Pulse
150
Operation in This Area is Limited by RDS(on)
100
1ms
100µs
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve
Notes:
1. θJC (t)) 0.85°C/W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
D=0.5
D=0.2
D=0.1
D=0.05
0.02
0.01
Single
ngle
e


Similar Part No. - DMF8N60-TU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DMF8N65-TU DYELEC-DMF8N65-TU Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
More results

Similar Description - DMF8N60-TU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com