Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMK5N65-TU Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

Part # DMK5N65-TU
Description  650V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMK5N65-TU Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  DMK5N65-TU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMK5N65-TU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMK5N65-TU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMK5N65-TU Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMK5N65-TU Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMK5N65-TU Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMK5N65-TU Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMK5N65-TU Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. DMK5N65-TU Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 / 9
TEST CIRCUITS AND WAVEFORMS(Cont.)
5N65
650V N-Channel Power MOSFET
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
VDD
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
tp
Time
Unclamped Inductive Switching Waveforms
Mar.2015-REV.00
www.dyelec.com


Similar Part No. - DMK5N65-TU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DMK10N60-TU DYELEC-DMK10N60-TU Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
DMK10N60-TU DYELEC-DMK10N60-TU Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
DMK10N65-TU DYELEC-DMK10N65-TU Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
logo
Alpha Industries
DMK2308-000 ALPHA-DMK2308-000 Datasheet
85Kb / 4P
   GaAs Flip Chip Schottky Diodes
DMK2783-000 ALPHA-DMK2783-000 Datasheet
85Kb / 4P
   GaAs Flip Chip Schottky Diodes
More results

Similar Description - DMK5N65-TU

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com