Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBP40V40CT Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

Part # SBP40V40CT
Description  40A LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBP40V40CT Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  SBP40V40CT Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBP40V40CT Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBP40V40CT Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBP40V40CT Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SBP40V40CT Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Package Outline Dimensions
SBP40V40CT
SBP40V40FCT
SBP40V40CK
SBP40V40CG
4 / 5
May.2015-REV.00
www.dyelec.com


Similar Part No. - SBP40V40CT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBP40V45CG DYELEC-SBP40V45CG Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V45CK DYELEC-SBP40V45CK Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V45CT DYELEC-SBP40V45CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V45FCT DYELEC-SBP40V45FCT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBP40V40CT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBT40L120CT DYELEC-SBT40L120CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V45CT DYELEC-SBP40V45CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBT40L100CT DYELEC-SBT40L100CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V60CT DYELEC-SBP40V60CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBR40L150CT DYELEC-SBR40L150CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBT40L200CT DYELEC-SBT40L200CT Datasheet
3Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
   120V, 40A Low VF Trench Barrier Schottky Rectifier
SBL40U60 SECOS-SBL40U60 Datasheet
143Kb / 2P
   60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
SBL40U60F SECOS-SBL40U60F Datasheet
159Kb / 2P
   60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com