Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N60 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # 6N60
Description  600V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

6N60 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  6N60 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 6N60 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. 6N60 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. 6N60 Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. 6N60 Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. 6N60 Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. 6N60 Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. 6N60 Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 / 8
THERMAL DATA
6N60
600V N-Channel Power MOSFET
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220/
ITO-220
TO-262 /TO-263
θJA
62.5
°C/W
Junction to Case
TO-220
TO-262/TO-263
θJC
1.
2
°C/W
ITO-220
3.
5
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
MIN
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
GS
V =0V, ID=250μA
600
V
Drain-Source Leakage Current
IDSS
VDS=600V, VGS=0V
10
μA
VDS=480V, VGS=0V, TJ =125°C
10
μA
Gate- Source Leakage Current
Forward
IGSS
VG=30V, VDS=0V
100
nA
Reverse
VGS=-30V, VDS=0V
-100 nA
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ ID=250μA, Referenced to 25°C
0.53
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
DS
V =VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
GS
V =10V, ID=3.1A
1.0
1.5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0 MHz
770 1000 pF
Output Capacitance
COSS
pF
95
120
Reverse Transfer Capacitance
CRSS
10
13
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD=300V, ID =6.2A, RG =25Ω
(Note 1, 2)
40
50
ns
Turn-On Rise Time
tR
ns
70
150
Turn-Off Delay Time
tD(OFF)
40
90
ns
Turn-Off Fall Time
tF
80
100
ns
Total Gate Charge
QG
VDS=480V, ID=6.2A, VGS=10V
(Note 1, 2)
20
25
nC
Gate-Source Charge
QGS
nC
4.9
Gate-Drain Charge
QGD
9.4
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
GS
V =0V, IS=6.2 A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
6.2
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
24.8
A
Reverse Recovery Time
trr
VGS=0V, IS=6.2A,
dIF/dt =100 A/μs (Note 1)
290
ns
Reverse Recovery Charge
QRR
μC
2.35
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.
May.2015-REV.00
www.dyelec.com


Similar Part No. - 6N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60 UTC-6N60 Datasheet
141Kb / 7P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
249Kb / 6P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
6N60 NELLSEMI-6N60 Datasheet
486Kb / 10P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
6N60 ISC-6N60 Datasheet
157Kb / 2P
   Avalanche Energy Specified
More results

Similar Description - 6N60

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com