Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBP20V45P Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SBP20V45P
Description  20A LOW VF SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBP20V45P Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SBP20V45P Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBP20V45P Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBP20V45P Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBP20V45P Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
May.2015-REV.00
www.dyelec.com
SBP20V45P
SBP20V45D
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=1mA
4
5
-
-
V
Instantaneous forward voltage
VF
I F=5A
I F=10A
I F=20A
TJ=25oC
-
-
-
0.
41
0.
49
0.
63
-
-
0.
65
V
I F=5A
I F=10A
I F=20A
TJ=125oC
-
-
-
0.
36
0.
42
0.
58
-
-
-
V
Reverse current
I R
VR=
36V
-
11
0
-
μA
VR=4
5V
TJ=25oC
TJ=125oC
-
-
-
120
200
-
μA
mA
RATING AND CHARACTERISTIC CURVES
0.1
1
10
100
0
0.2
0.4
0.6
TJ=75°C
TJ=25°C
TJ=150°C
TJ=125°C
100
1000
10000
1
10
100
0
5
10
15
20
25
0
25
50
75
100
125
150
0.01
0.1
1
10
100
1000
20
40
60
80
100
TJ=25°C
TJ=150°C
TJ=125°C
TJ=75°C
Percent of Rated Peak Reverse Voltage (%)
Fig.3 Typical Reverse Characteristics
VF, Forward Voltage (V)
Fig.4 Typical Forward Characteristics
TC, Case Temperature (°C)
Fig.1 Forward Current Derating Curve
VR, Reverse Bias Voltage (V)
Fig.2 Typical Junction Capacitance
Per Diode


Similar Part No. - SBP20V45P

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBP20V45CG DYELEC-SBP20V45CG Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45CK DYELEC-SBP20V45CK Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45CT DYELEC-SBP20V45CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45FCT DYELEC-SBP20V45FCT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBP20V45P

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBP20L40CT DYELEC-SBP20L40CT Datasheet
3Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L100CT DYELEC-SBT20L100CT Datasheet
1Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20100CT DYELEC-SBT20100CT Datasheet
1Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20L60CT DYELEC-SBP20L60CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V40CT DYELEC-SBP20V40CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT30L200CT DYELEC-SBT30L200CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L120CT DYELEC-SBT20L120CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L200CT DYELEC-SBT20L200CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20L45CT DYELEC-SBP20L45CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45CT DYELEC-SBP20V45CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com