Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM2F125G12FS Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # SDM2F125G12FS
Description  Ultra-Fast Soft Recovery Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

SDM2F125G12FS Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  SDM2F125G12FS Datasheet HTML 1Page - SemiHow Co.,Ltd. SDM2F125G12FS Datasheet HTML 2Page - SemiHow Co.,Ltd. SDM2F125G12FS Datasheet HTML 3Page - SemiHow Co.,Ltd. SDM2F125G12FS Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
◎ SEMIHOW REV.A0,Feb 2016
Electrical Characteristics T
C=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V
R
Cathode Anode Breakdown
Voltage
I
R = 100uA
1200
--
--
V
I
R
Repetitive Peak Reverse
Current
V
R = 1200V, TC = 100℃
--
--
6
mA
V
FM
Maximum Forward Voltage
I
F = 125A
T
C = 25℃
--
2.5
2.9
V
T
C = 100℃
--
2.1
--
t
rr
Reverse Recovery Time
V
R = 30V,
I
F = 1A,
di/dt = -100A/
μs
T
C = 25℃
--
50
65
ns
t
rr
Reverse Recovery Time
V
R = 600V,
I
F = 125A,
di/dt = -100A/
μs
T
C = 25℃
--
90
125
ns
T
C = 100℃
--
200
--
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJC
Junction-to-Case
DC Current
--
--
0.4
℃/W
-
Torque
Mounting Torque
1.45
N·m
-
Torque
Terminal Torque
1.45
N·m
L x W x H Dimensions
Typical, see outline drawing
50 x 30 x 17
mm
m
Mass
--
30
--
g
Thermal Mechanical Specifications


Similar Part No. - SDM2F125G12FS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
SDM2F100G SEMIHOW-SDM2F100G Datasheet
365Kb / 4P
   Fast Soft Recovery Diode Module
SDM2F100G04FE SEMIHOW-SDM2F100G04FE Datasheet
239Kb / 4P
   Ultra-Fast Soft Recovery Diode Module
SDM2F100G04GS SEMIHOW-SDM2F100G04GS Datasheet
319Kb / 4P
   Fast Soft Recovery Diode Module
SDM2F100G06GS SEMIHOW-SDM2F100G06GS Datasheet
371Kb / 4P
   Fast Soft Recovery Diode Module
SDM2F150G04G SEMIHOW-SDM2F150G04G Datasheet
361Kb / 4P
   Fast Soft Recovery Diode Module
More results

Similar Description - SDM2F125G12FS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
SDM2F100G04FE SEMIHOW-SDM2F100G04FE Datasheet
239Kb / 4P
   Ultra-Fast Soft Recovery Diode Module
logo
List of Unclassifed Man...
UFT20040CT ETC2-UFT20040CT Datasheet
196Kb / 4P
   Ultra-fast Soft Recovery Diode Module
UFT20060CT ETC2-UFT20060CT Datasheet
193Kb / 4P
   Ultra-fast Soft Recovery Diode Module
logo
SemiHow Co.,Ltd.
SDM2F60G04FS SEMIHOW-SDM2F60G04FS Datasheet
309Kb / 4P
   Ultra-Fast Soft Recovery Diode Module
SDM2F75G12FS SEMIHOW-SDM2F75G12FS Datasheet
271Kb / 4P
   Ultra-Fast Soft Recovery Diode Module
logo
List of Unclassifed Man...
DBC2F200N4S ETC2-DBC2F200N4S Datasheet
183Kb / 4P
   Ultra-Fast Soft Recovery Diode Module
logo
International Rectifier
HFA45HI60C IRF-HFA45HI60C Datasheet
73Kb / 2P
   ULTRA FAST, SOFT RECOVERY DIODE
HFA45HI120C IRF-HFA45HI120C Datasheet
82Kb / 2P
   ULTRA FAST, SOFT RECOVERY DIODE
HFA45HC120C IRF-HFA45HC120C Datasheet
71Kb / 2P
   ULTRA FAST, SOFT RECOVERY DIODE
IRD3CH82DB6 IRF-IRD3CH82DB6 Datasheet
203Kb / 6P
   Ultra Fast-Soft Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com