Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7806 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # S7806
Description  CpG WIZ Prader-Willi/Angelman Amplification Kit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7806 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button S7806 Datasheet HTML 20Page - List of Unclassifed Manufacturers S7806 Datasheet HTML 21Page - List of Unclassifed Manufacturers S7806 Datasheet HTML 22Page - List of Unclassifed Manufacturers S7806 Datasheet HTML 23Page - List of Unclassifed Manufacturers S7806 Datasheet HTML 24Page - List of Unclassifed Manufacturers S7806 Datasheet HTML 25Page - List of Unclassifed Manufacturers S7806 Datasheet HTML 26Page - List of Unclassifed Manufacturers S7806 Datasheet HTML 27Page - List of Unclassifed Manufacturers S7806 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
20
V.
TROUBLESHOOTING
CpG WIZ™ p16 (S7800), p15 (S7802) and E-cadherin (S7804)
Amplification Kits
There is no visual evidence of products in any lane.
Potential Problem: PCR amplification is not initiated.
Recommendations:
a. Confirm that all PCR components were added to the reaction tube.
b. Confirm that the time and temperature settings on the thermocycler match
those described in this manual.
c. If performing "hot start" PCR using a "hot start" enzyme, verify the initial
denaturation/activation time of 12 minutes at 95°C.
d. For all other "hot start" methods, confirm the proper use of the reagents.
e. Confirm that the PCR polymerase is still active.
f.
Confirm that no additional Mg2+ was added to the PCR reaction mix.
g. The optimal annealing temperature is 60°C. If items #a-f have not remedied
the problem, re-optimize annealing conditions to suit your amplification
instrument.
No amplification product is generated in the experimental
samples using U, M and W primer sets, but products of the
correct size are observed with the control samples.
Potential Problem #1: Experimental DNA samples were degraded
prior to chemical modification.
Recommendation:
Purify the genomic DNA again and repeat the chemical modification.
Potential Problem #2: Chemically modified experimental DNA
samples were stored for more than two months prior to PCR.
Recommendation:
Repeat the chemical modification on new genomic DNA samples.
U or M primer sets are producing bands in all samples,
including the "no DNA" controls.
Potential Problem: PCR reagents are contaminated with
amplification products.
?
?
?


Similar Part No. - S7806

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7806D AUK-S7806D Datasheet
274Kb / 10P
   Fixed Voltage Regulator
S7806D AUK-S7806D Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S7806PI AUK-S7806PI Datasheet
285Kb / 10P
   Fixed Voltage Regulator
S7806PIC AUK-S7806PIC Datasheet
282Kb / 10P
   Fixed Voltage Regulator
More results

Similar Description - S7806

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CPG54 SUMIDA-CPG54 Datasheet
34Kb / 1P
   IFT COILS < SMD Type: CPG Series>
logo
Panasonic Semiconductor
XP0C301 PANASONIC-XP0C301 Datasheet
118Kb / 5P
   For General Amplification
logo
Sanken electric
2SA2151 SANKEN-2SA2151 Datasheet
221Kb / 7P
   Audio Amplification Transistor
logo
Panasonic Semiconductor
2SB0726 PANASONIC-2SB0726 Datasheet
54Kb / 3P
   For general amplification
2SB0930 PANASONIC-2SB0930 Datasheet
75Kb / 3P
   For Power Amplification
2SC5846 PANASONIC-2SC5846 Datasheet
70Kb / 3P
   For General Amplification
XN0B301 PANASONIC-XN0B301 Datasheet
98Kb / 5P
   For general amplification
logo
Allegro MicroSystems
2SA2151 ALLEGRO-2SA2151 Datasheet
279Kb / 7P
   Audio Amplification Transistor
2SA2151A ALLEGRO-2SA2151A Datasheet
279Kb / 7P
   Audio Amplification Transistor
logo
Panasonic Semiconductor
2SB0929 PANASONIC-2SB0929 Datasheet
75Kb / 3P
   For Power Amplification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com