Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT4N65-TU Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # DMT4N65-TU
Description  650V N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMT4N65-TU Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  DMT4N65-TU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMT4N65-TU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMT4N65-TU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMT4N65-TU Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMT4N65-TU Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMT4N65-TU Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMT4N65-TU Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMT4N65-TU Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. DMT4N65-TU Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4N65
1 / 10
May,2015-REV.00
www.dyelec.com
1. Gate
2. Drain
3. Source
Pin Definition:
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)
ID (A)
650
2.4 @ VGS =10V
4
650V N-Channel Power MOSFET
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
RDS(ON)<2.4Ω @ VGS=10V
Fast switching capability
Lead free in compliance with EU RoHS directive.
Green molding compound
Ordering Information
Case: TO-251,TO-252,TO-220,ITO-220
TO-262,TO-263 Package
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
6
50
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
ID
4.0
A
Pulsed Drain Current (Note 2)
IDM
16
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
260
mJ
Power Dissipation
TO-220
/TO-262/TO-263
PD
1
06
W
ITO-220
35
W
TO-251/TO-252
5
0
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 30mH, IAS =
3.6A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
Part No.
Package
Packing
DMP4N65-TU
TO-251
75pcs / Tube
DMD4N65-TR
TO-252
2.5Kpcs / 13” Reel
DMT4N65-TU
TO-220
50pcs / Tube
DMF4N65-TU
ITO-220
50pcs / Tube
DMD4N65-TU
TO-252
75pcs / Tube
Block Diagram
D
G
S
DMK4N65-TU
TO-262
50pcs / Tube
DMG4N65-TU
TO-263
50pcs / Tube
DMG4N65-TR
TO-263
800pcs / 13" Reel


Similar Part No. - DMT4N65-TU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DMT4N60-TU DYELEC-DMT4N60-TU Datasheet
2Mb / 10P
   600V N-Channel Power MOSFET
More results

Similar Description - DMT4N65-TU

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com