Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMF2N65-TU Datasheet(PDF) 7 Page - DIYI Electronic Technology Co., Ltd.

Part # DMF2N65-TU
Description  650V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMF2N65-TU Datasheet(HTML) 7 Page - DIYI Electronic Technology Co., Ltd.

  DMF2N65-TU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMF2N65-TU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMF2N65-TU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMF2N65-TU Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMF2N65-TU Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMF2N65-TU Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMF2N65-TU Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMF2N65-TU Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. DMF2N65-TU Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2N65
650V N-Channel Power MOSFET
7 / 9
May,2015-REV.00
www.dyelec.com
TO-262 Mechanical Drawing
TO-263 Mechanical Drawing


Similar Part No. - DMF2N65-TU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DMF2N60-TU DYELEC-DMF2N60-TU Datasheet
1Mb / 9P
   600V N-Channel Power MOSFET
More results

Similar Description - DMF2N65-TU

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com