Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7721DR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7721DR
Description  ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7721DR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7721DR Datasheet HTML 14Page - Texas Instruments ISO7721DR Datasheet HTML 15Page - Texas Instruments ISO7721DR Datasheet HTML 16Page - Texas Instruments ISO7721DR Datasheet HTML 17Page - Texas Instruments ISO7721DR Datasheet HTML 18Page - Texas Instruments ISO7721DR Datasheet HTML 19Page - Texas Instruments ISO7721DR Datasheet HTML 20Page - Texas Instruments ISO7721DR Datasheet HTML 21Page - Texas Instruments ISO7721DR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
ISO7720, ISO7721
SLLSEP3A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
See the Regulatory Information section for detailed isolation ratings.
8.3 Feature Description
The ISO772x family of devices is available in two channel configurations and default output state options to
enable a variety of application uses. Table 1 lists the device features of the ISO772x.
Table 1. Device Features
PART NUMBER
MAXIMUM DATA
RATE
CHANNEL
DIRECTION
DEFAULT OUTPUT
STATE
PACKAGE
RATED ISOLATION(1)
ISO7720
100 Mbps
2 Forward, 0 Reverse
High
DW-16
5000 VRMS / 8000 VPK
D-8
3000 VRMS / 4242 VPK
ISO7720F
100 Mbps
2 Forward, 0 Reverse
Low
DW-16
5000 VRMS / 8000 VPK
D-8
3000 VRMS / 4242 VPK
ISO7721
100 Mbps
1 Forward, 1 Reverse
High
DW-16
5000 VRMS / 8000 VPK
D-8
3000 VRMS / 4242 VPK
ISO7721F
100 Mbps
1 Forward, 1 Reverse
Low
DW-16
5000 VRMS / 8000 VPK
D-8
3000 VRMS / 4242 VPK
8.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO772x
family of devices incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include:
Robust ESD protection cells for input and output signal pins and inter-chip bond pads.
Low-resistance connectivity of ESD cells to supply and ground pins.
Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.


Similar Part No. - ISO7721DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7721DR TI1-ISO7721DR Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results

Similar Description - ISO7721DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com