Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7720FDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7720FDR
Description  ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7720FDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7720FDR Datasheet HTML 6Page - Texas Instruments ISO7720FDR Datasheet HTML 7Page - Texas Instruments ISO7720FDR Datasheet HTML 8Page - Texas Instruments ISO7720FDR Datasheet HTML 9Page - Texas Instruments ISO7720FDR Datasheet HTML 10Page - Texas Instruments ISO7720FDR Datasheet HTML 11Page - Texas Instruments ISO7720FDR Datasheet HTML 12Page - Texas Instruments ISO7720FDR Datasheet HTML 13Page - Texas Instruments ISO7720FDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
ISO7720, ISO7721
SLLSEP3A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.11 Electrical Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –2 mA; see Figure 13
VCCO
(1) – 0.3
3.2
V
VOL
Low-level output voltage
IOL = 2 mA; see Figure 13
0.1
0.3
V
VIT+(IN)
Rising input voltage threshold
0.6 x VCCI
0.7 x VCCI
V
VIT-(IN)
Falling input voltage threshold
0.3 x VCCI
0.4 x VCCI
V
VI(HYS)
Input threshold voltage hysteresis
0.1 × VCCI
0.2 × VCCI
V
IIH
High-level input current
VIH = VCCI
(1) at INx
10
μA
IIL
Low-level input current
VIL = 0 V at INx
–10
µA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V, VCM = 1200 V; see Figure 15
40
100
kV/μs
6.12 Supply Current Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7720
Supply current - DC signal
VI = VCCI (ISO7720), VI = 0 V (ISO7720 with F suffix)
ICC1
0.8
1.1
mA
ICC2
1.1
1.7
VI = 0 V (ISO7720), VI = VCCI (ISO7720 with F suffix)
ICC1
2.9
4.2
ICC2
1.2
1.9
Supply current - AC signal
All channels switching with square wave
clock input; CL = 15 pF
1 Mbps
ICC1
1.8
2.7
ICC2
1.2
1.9
10 Mbps
ICC1
1.9
2.7
ICC2
1.9
2.6
100 Mbps
ICC1
2.2
3.1
ICC2
8.6
11
ISO7721
Supply current - DC signal
VI = VCCI (ISO7721), VI = 0 V (ISO7721 with F suffix)
ICC1, ICC2
1
1.6
mA
VI = 0 V (ISO7721), VI = VCCI (ISO7721 with F suffix)
ICC1, ICC2
2.2
3.2
Supply current - AC signal
All channels switching with square wave
clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
1.6
2.4
10 Mbps
ICC1, ICC2
2
2.8
100 Mbps
ICC1, ICC2
5.6
7


Similar Part No. - ISO7720FDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720FDR TI1-ISO7720FDR Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results

Similar Description - ISO7720FDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com